Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9313 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9313 Datasheet(HTML) 6 Page - Microchip Technology

  LAN9313 Datasheet HTML 1Page - Microchip Technology LAN9313 Datasheet HTML 2Page - Microchip Technology LAN9313 Datasheet HTML 3Page - Microchip Technology LAN9313 Datasheet HTML 4Page - Microchip Technology LAN9313 Datasheet HTML 5Page - Microchip Technology LAN9313 Datasheet HTML 6Page - Microchip Technology LAN9313 Datasheet HTML 7Page - Microchip Technology LAN9313 Datasheet HTML 8Page - Microchip Technology LAN9313 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 (03-13-12)
6
SMSC LAN9313/LAN9313i
PRODUCT PREVIEW
128-VTQFP Package Outline
Figure 4 LAN9313 128-VTQFP Package Definition
Table 1 LAN9313 128-VTQFP Dimensions
MIN
NOMINAL
MAX
REMARKS
A
-
-
1.20
Overall Package Height
A1
0.05
-
0.15
Standoff
A2
0.95
1.00
1.05
Body Thickness
D/E
15.80
16.00
16.20
X/Y Span
D1/E1
13.80
14.00
14.20
X/Y Plastic Body Size
L
0.45
0.60
0.75
Lead Foot Length
b
0.13
0.18
0.23
Lead Width
c
0.09
-
0.20
Lead Foot Thickness
e
0.40 BSC
Lead Pitch
ddd
0.00
-
0.07
True Position Spread
ccc
-
-
0.08
Coplanarity



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com