Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9313 Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN9313
Description  Three Port 10/100 Managed Ethernet Switch with MII
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9313 Datasheet(HTML) 9 Page - Microchip Technology

  LAN9313 Datasheet HTML 1Page - Microchip Technology LAN9313 Datasheet HTML 2Page - Microchip Technology LAN9313 Datasheet HTML 3Page - Microchip Technology LAN9313 Datasheet HTML 4Page - Microchip Technology LAN9313 Datasheet HTML 5Page - Microchip Technology LAN9313 Datasheet HTML 6Page - Microchip Technology LAN9313 Datasheet HTML 7Page - Microchip Technology LAN9313 Datasheet HTML 8Page - Microchip Technology LAN9313 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Three Port 10/100 Managed Ethernet Switch with MII
SMSC LAN9313/LAN9313i
9
Revision 1.9 (03-13-12)
PRODUCT PREVIEW
Notes:
1. All dimensions are in millimeters unless otherwise noted.
2. Dimensions b & c apply to the flat section of the lead foot between 0.10 and 0.25mm from the lead tip. The
base metal is exposed at the lead tip.
3. Dimensions D1 and E1 do not include mold protrusions. Maximum allowed protrusion is 0.25mm per side. D1
and E1 are maximum plastic body size dimensions including mold mismatch.
4. Dimensions D2 and E2 represent the size of the exposed pad. The exposed pad shall be coplanar with the
bottom of the package within 0.05mm.
5. The pin 1 identifier may vary, but is always located within the zone indicated.
Table 2 LAN9313/LAN9313i 128-XVTQFP Dimensions
MIN
NOMINAL
MAX
REMARKS
A
-
-
1.20
Overall Package Height
A1
0.05
-
0.15
Standoff
A2
0.95
1.00
1.05
Body Thickness
D/E
15.80
16.00
16.20
X/Y Span
D1/E1
13.80
14.00
14.20
X/Y Plastic Body Size
D2/E2
6.35
6.50
6.65
X/Y Exposed Pad Size
L
0.45
0.60
0.75
Lead Foot Length
b
0.13
0.18
0.23
Lead Width
c
0.09
-
0.20
Lead Foot Thickness
e
0.40 BSC
Lead Pitch
ddd
0.00
-
0.07
True Position Spread
ccc
-
-
0.08
Coplanarity
Figure 7 LAN9313/LAN9313i 128-XVTQFP Recommended PCB Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com