Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXUVPS7 Datasheet(PDF) 1 Page - OptoDiode Corp

Part # AXUVPS7
Description  QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

AXUVPS7 Datasheet(HTML) 1 Page - OptoDiode Corp

  AXUVPS7 Datasheet HTML 1Page - OptoDiode Corp AXUVPS7 Datasheet HTML 2Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
750 Mitchell Road, Newbury Park, California 91320
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
FEATURES
• Ideal for electron detection
• Circular active area
• 100% internal QE
ELECTRO-OPTICAL CHARACTERISTICS AT 25°C (PER ELEMENT)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Active Area
Responsivity, R
Shunt Resistance, RsH
Reverse Breakdown Voltage, VR
Capacitance, C
Rise Time
THERMAL PARAMETERS
STORAGE AND OPERATING TEMPERATURE RANGE
Ambient1
Nitrogen or Vacuum
Maximum Junction Temperature
Lead soldering temperature2
-10° TO 40°C1
-20°C TO 80°C
70°C
260°C
1Temperatures exceeding these parameters may create oxide growth on the active area.
Over time responsivity to low energy radiation and wavelengths below 150nm will be compromised.
20.080" from case for 10 seconds.
Shipped with temporary cover to protect photodiode and wire bond.
Review Opto Diode “Handling Precautions for IRD Detectors” prior to removing cover.
Dimensions are in inch [metric] units.
(see graphs on the next page)
VR = ±10mV
IR = 1µA
VR = 0V
VR = 2V, RL = 50
0.07
10
5
15
0.08
1.5
0.09
2
mm2
A/W
MOhms
Volts
nF
usec
QUAD ELECTRON DETECTOR 15 mm2
AXUVPS7
Revision February 26, 2013


Similar Part No. - AXUVPS7

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
833Kb / 2P
QUAD ELECTRON DETECTOR 1 mm2
AXUVPS7 OPTODIODE-AXUVPS7_15 Datasheet
833Kb / 2P
QUAD ELECTRON DETECTOR 1 mm2
More results

Similar Description - AXUVPS7

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV63HS1 OPTODIODE-AXUV63HS1 Datasheet
173Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH Datasheet
199Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
ELECTRON DETECTION 100 mm Ideal for electron detection
AXUV576C OPTODIODE-AXUV576C Datasheet
190Kb / 2P
ELECTRON DETECTION 576 mm Square active area
AXUVHS5 OPTODIODE-AXUVHS5 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUVHS11 OPTODIODE-AXUVHS11 Datasheet
135Kb / 2P
PHOTODIODE 1 mm SMA connector Ideal for electron detection
AXUV100 OPTODIODE-AXUV100 Datasheet
357Kb / 2P
ELECTRON DETECTION 100 mm2
ODD-AXU-010 OPTODIODE-ODD-AXU-010 Datasheet
217Kb / 2P
ELECTRON DETECTION 100 mm2
ODD-AXU-048 OPTODIODE-ODD-AXU-048 Datasheet
313Kb / 2P
ELECTRON DETECTION 576 mm2
AXUVPS7 OPTODIODE-AXUVPS7_15 Datasheet
833Kb / 2P
QUAD ELECTRON DETECTOR 1 mm2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com