Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16265PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16265PCBZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16265PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16265PCBZ Datasheet HTML 1Page - Analog Devices ADIS16265PCBZ Datasheet HTML 2Page - Analog Devices ADIS16265PCBZ Datasheet HTML 3Page - Analog Devices ADIS16265PCBZ Datasheet HTML 4Page - Analog Devices ADIS16265PCBZ Datasheet HTML 5Page - Analog Devices ADIS16265PCBZ Datasheet HTML 6Page - Analog Devices ADIS16265PCBZ Datasheet HTML 7Page - Analog Devices ADIS16265PCBZ Datasheet HTML 8Page - Analog Devices ADIS16265PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Evaluation Board User Guide
UG-287
Rev. B | Page 3 of 12
MECHANICAL SETUP/INSTALLATION
IMU INSTALLATION
Figure 4 provides a top level view of the EVAL-ADIS printed
circuit board (PCB), which provides two electrical connectors
(J1, J4) and a series of mounting holes. Table 1 provides the mating
connector and mounting hole identifiers for each compatible
product as well as the mounting hardware, the power supply
settings (JP1), and the most appropriate reference picture for each
compatible product (and future product support plans). Note
that inclusion in Table 1 does not necessarily reflect full support
of a particular product; that requires application software. Refer
to the www.analog.com/EVAL-ADIS for the most recent list of
supported products.
When installing an iSensor product on the EVAL-ADIS, do not
plug it into the PC-USB port or any other potential source of
power, before the installation is complete. Before pressing the
mating connector into J4, ensure that the pins align correctly.
For the ADIS16375, ADIS16485, and ADIS16488, installing JP2
across both leads provides 3.3 V of power to the real-time clock
power pin.
Figure 2. ADIS16488 Installation Example
When installing the ADIS16334 or ADIS16448, use the flexible
cable to connect the device to J4 on the EVAL-ADIS. Note that
these products and the associated flexible cable have only 20 pins.
J4, on the other hand, has 24-pins; therefore, ensure that the
flexible cable connects to Pin 1 to Pin 20 on J4 and aligns correctly
prior to plugging the USB cable into the USB connection on the
EVAL-ADIS. Ignore the Pin 1 markings on the flexible connector
because these markings do not reflect the correct Pin 1 con-
nections with respect to the ADIS16334/ADIS16448 or J4 on
the EVAL-ADIS.
Figure 3. ADIS16448/PCBZ Installation Example
Table 1 provides additional details for installing other products
onto the EVAL-ADIS. For additional installation instructions,
see the product-specific Wiki User Guide links, under
Documentation at www.analog.com/EVAL-ADIS.
Figure 4. Top Level View of PCB
129.413mm
67.7mm
47.2mm
41.4mm
55.9mm
2.9mm
2.9mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com