Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16265PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16265PCBZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16265PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16265PCBZ Datasheet HTML 1Page - Analog Devices ADIS16265PCBZ Datasheet HTML 2Page - Analog Devices ADIS16265PCBZ Datasheet HTML 3Page - Analog Devices ADIS16265PCBZ Datasheet HTML 4Page - Analog Devices ADIS16265PCBZ Datasheet HTML 5Page - Analog Devices ADIS16265PCBZ Datasheet HTML 6Page - Analog Devices ADIS16265PCBZ Datasheet HTML 7Page - Analog Devices ADIS16265PCBZ Datasheet HTML 8Page - Analog Devices ADIS16265PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board User Guide
UG-287
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
EVAL-ADIS: iSensor Evaluation System
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. B | Page 1 of 12
FEATURES
PC USB evaluation system for inertial measurement units
Product-specific evaluation software
Windows XP, Windows Vista, and Windows 7 compatible
32-bit and 64-bit USB driver support
USB 2.0 or subsequent version required
Synchronous data acquisition
Maximum sample rate for most ADIS16xxx products
No external power supply required for most products
KIT CONTENTS
EVAL-ADIS circuit board
16-pin ribbon connector, 2 mm
USB mini cable, 6 ft
M2 × 0.4 mm machine screw kit
Figure 1. Photograph of Inertial Sensor Evaluation System
GENERAL DESCRIPTION
The iSensor® family of products provides a serial peripheral inter-
face (SPI) for data communications. The SPI interface and a
well-calibrated cluster of sensors enable quick integration into
systems that employ embedded processor systems. For users who
are familiar with embedded processors, integrating the iSensor
device with a familiar processor system enables development
with familiar software tools, provides more flexibility, and enables
more design reuse after the initial sensor evaluation is complete.
For users who are unfamiliar with embedded processors and
their development tools, the EVAL-ADIS system provides a
simple PC-based tool for getting started with iSensor products.
The EVAL-ADIS circuit board provides tapped holes (M2 ×
0.4 mm), and the kit includes an assortment of M2 × 0.4 mm
machine screws for a simple device under test (DUT) attach-
ment. The location of the mounting holes facilitates easy
electrical connection with the mating connectors (J1 or J4
on the EVAL-ADIS).
The power management system provides jumper selection for
three device under test (DUT) power options: 5 V (USB), 3.3 V,
and an external power option. The 5 V option provides access
to the USB’s 5 V supply voltage for the DUT, and the 3.3 V
option uses a linear regulator, 400 µF of bulk capacitance, and a
soft start circuit to manage transient currents on the USB port.
The evaluation software packages, which support operation
with the EVAL-ADIS, typically offer three modes of operation:
demonstration, register access, and data capture. In most cases, the
demonstration mode will be a simple waveform recorder function,
which provides a simple visual response to sensor motion. The
waveform recorder is useful in concept demonstrations or
functional verification of units. Individual register read and
write cycles are available in the Register Access window. PC
data acquisition is available using the Data Capture window,
which provides various control inputs, including data register
selection, data file format, and data storage location. In data
capture mode, the EVAL-ADIS reads and stores data from each
selected register every time that the sensor’s data-ready signal
pulses. This synchronous capture mode supports the ADIS16488
(10 registers, 16-bits wide, 2.46 kSPS)
The EVAL-ADIS kit includes a USB mini cable for quick
connection to a PC. The IMU evaluation software package
supports operation on Windows® XP, Windows Vista, and
Windows 7 (32-bit and 64-bit) PC systems.


Similar Part No. - ADIS16265PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16265 AD-ADIS16265 Datasheet
386Kb / 19P
Programmable Low Power Gyroscope
Rev. PrB
ADIS16265/PCBZ AD-ADIS16265/PCBZ Datasheet
386Kb / 19P
Programmable Low Power Gyroscope
Rev. PrB
ADIS16265BCCZ AD-ADIS16265BCCZ Datasheet
386Kb / 19P
Programmable Low Power Gyroscope
Rev. PrB
More results

Similar Description - ADIS16265PCBZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
Evaluation Board User?셲 Guide
May 25, 2010
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
Evaluation Board User?셲 Guide
November 6, 2009
logo
Analog Devices
UG-272 AD-UG-272 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
UG-317 AD-UG-317 Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
UG-486 AD-UG-486 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
UG-128 AD-UG-128 Datasheet
225Kb / 8P
Evaluation Board User Guide
REV. B
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
IRU3046 EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com