Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3789 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N3789
Description  EPITAXIAL-BASE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3789 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N3789 Datasheet HTML 1Page - Comset Semiconductor 2N3789 Datasheet HTML 2Page - Comset Semiconductor 2N3789 Datasheet HTML 3Page - Comset Semiconductor 2N3789 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP 2N3789 – 2N3790 – 2N3791 – 2N3792
05/11/2012
COMSET SEMICONDUCTORS
2 | 4
ELETRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage
IC=-200 mA, IB=0 (*)
2N3789
-60
-
-
V
2N3791
2N3790
-80
-
-
2N3792
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (*)
IC=-200 mA, IB=0 (*)
2N3789
-60
-
-
V
2N3791
2N3790
-80
-
-
2N3792
ICEO
Collector-Emitter
Current
VCE=-30 V, IB=0
2N3789
-
-
-0.7
mA
2N3791
VCE=-40 V, IB=0
2N3790
-
-
-0.7
2N3792
ICEV
Collector Cutoff Current
VCE=-80 V, VEB=1.5 V
2N3789
-
-
-1
mA
2N3791
VCE=-100 V, VEB=1.5 V
2N3790
-
-
-1
2N3792
VCE=-60 V, VEB=1.5 V
TC = 150°C
2N3789
-
-
-10
2N3791
VCE=-80 V, VEB=1.5 V
TC = 150°C
2N3790
-
-
-10
2N3792
IEBO
Emitter Cutoff Current
VBE=-7 V, IC=0
2N3713
-
-
-5
mA
2N3714
2N3715
2N3716
hFE
DC Current Gain (*) (**)
IC=-1 A, VCE=-2 V
2N3789
25
-
90
-
2N3790
2N3791
50
-
150
2N3792
IC=-3 A, VCE=-2 V
2N3789
15
-
-
2N3790
2N3791
30
-
-
2N3792
IC=-10 A, VCE=-4 V
2N3789
5
-
-
2N3790
2N3791
2N3792
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
(**)
IC=-5 A, IB=-0.5 A
2N3791
-
-
-1
V
2N3792



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com