Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3789 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N3789
Description  EPITAXIAL-BASE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3789 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N3789 Datasheet HTML 1Page - Comset Semiconductor 2N3789 Datasheet HTML 2Page - Comset Semiconductor 2N3789 Datasheet HTML 3Page - Comset Semiconductor 2N3789 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP 2N3789 – 2N3790 – 2N3791 – 2N3792
05/11/2012
COMSET SEMICONDUCTORS
3 | 4
ELETRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VBE(SAT)
Base-Emitter saturation
Voltage (*) (**)
IC=-5 A, IB=-0.5 A
2N3789
-
-
-2
V
2N3790
2N3791
-
-
-1.5
2N3792
VBE
Base-Emitter Voltage (*)
(**)
IC=-3 A, VCE=-2V
2N3789
-
-
-1.5
V
2N3790
hfe
Small Signal Current
Gain
VCE=-10 V, IC=-0.5 A
f=1.0 kHz
2N3789
25
-
250
-
2N3790
2N3791
2N3792
VCE=-10 V, IC=-0.5 A
f=1.0 MHz
2N3789
4
-
4
-
2N3790
2N3791
2N3792
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
(**) These parameters are measured with voltage sensing contacts separate from the current carrying
contacts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com