Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW8 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # TW8
Description  16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

TW8 Datasheet(HTML) 2 Page - IC-Haus GmbH

  TW8 Datasheet HTML 1Page - IC-Haus GmbH TW8 Datasheet HTML 2Page - IC-Haus GmbH TW8 Datasheet HTML 3Page - IC-Haus GmbH TW8 Datasheet HTML 4Page - IC-Haus GmbH TW8 Datasheet HTML 5Page - IC-Haus GmbH TW8 Datasheet HTML 6Page - IC-Haus GmbH TW8 Datasheet HTML 7Page - IC-Haus GmbH TW8 Datasheet HTML 8Page - IC-Haus GmbH TW8 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
prel
imin
ary
prel
imin
ary
iC-TW8 16-BIT SIN/COS INTERPOLATOR
WITH AUTO-CALIBRATION
Rev A2, Page 2/12
DESCRIPTION
The iC-TW8 is a 16-bit application-specific DSP inter-
polator for sine/cosine signals with automatic calibra-
tion and adaption of signal path parameters during
operation to maintain minimum angular error and jit-
ter. Angular position is calculated at a programmable
resolution of up to 65,536 increments per input cy-
cle. Automatic calibration and adaption (correction
during operation) of sensor offset, Sin/Cos amplitude
match, and phase quadrature is provided. Addition-
ally, a 64-byte lookup table (LUT) is available to cor-
rect for residual harmonic distortion in the sensor sig-
nals.
The iC-TW8 accepts 10 mV to 700 mV differential
Sin/Cos input signals directly from magnetic or op-
tical sensors – no external signal conditioning is re-
quired in most applications. The differential zero (ref-
erence) input accepts a wide range of digital and ana-
log index gating sources such as Hall or MR sen-
sor bridges. The Z output width, position relative to
the Sin/Cos inputs, and synchronization to the AB
quadrature outputs is fully programmable.
In addition to industry-standard incremental ABZ
quadrature output, the iC-TW8 provides optional
PWM (potentiometer) and serial-only (SPI or 1-wire)
output modes for special or imbedded applications.
The incremental ABZ quadrature output can be gen-
erated at a frequency of up to 8 MHz (31 ns edge
spacing); the maximum output frequency can also be
limited so as not to overwhelm connected counters.
In PWM output mode, the iC-TW8 provides a differ-
ential pulse-width modulated signal proportional to
the calculated angle (position) of the Sin/Cos inputs.
An RC filter may be used to provide an analog volt-
age output for potentiometer applications, or to drive
an external ADC for simple single-turn absolute ap-
plications. Synchronous digital filters may be imple-
mented using an external microcontroller or FPGA
for more sophisticated or imbedded applications.
In serial-only output mode, the iC-TW8’s internal 32-
bit position counter and instantaneous angular veloc-
ity register can be read via the built-in SPI or 1-wire
serial ports at clock rates of up to 32 MHz. Higher in-
put signal frequencies are allowed in serial-only out-
put mode since the ABZ output frequency limitation
is not applicable.
The iC-TW8 offers two configuration modes.
Pin
configuration mode provides simple, static configura-
tion that does not require any programming or com-
plicated calibration. Pin configuration mode uses a
subset of the iC-TW8’s complete capabilities includ-
ing ABZ quadrature output, a limited choice of the
most commonly used interpolation (resolution) and
hysteresis values, and one-button calibration. Eight
resistors set voltage levels at four configuration input
pins to select all operating parameters, simplifying
product assembly. One-button auto calibration sets
input gain and compensates sensor offset and Sin/-
Cos channel gain match and phase with just a few
input cycles and then stores the compensation val-
ues to EEPROM.
In more sophisticated applications, serial config-
uration mode allows access to all iC-TW8 fea-
tures. Complete device configuration using the bi-
directional SPI or 1-wire serial ports provides ac-
cess to all resolutions (including fractional interpola-
tion), the sensor distortion LUT, fully programmable
hysteresis, and advanced noise/jitter filtering, quality
monitoring, and fault detection capabilities.
The iC-TW8 requires only two external components
for operation, a serial EEPROM for storage of con-
figuration and calibration data, and a clock oscillator
or crystal. An internal RC oscillator is provided for
cost-sensitive applications. Split analog and digital
power supply inputs allow optimal filtering for noisy
industrial environments. An integrated power-on re-
set circuit can be overridden by an external hardware
reset signal if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com