Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW8 Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # TW8
Description  16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

TW8 Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button TW8 Datasheet HTML 17Page - IC-Haus GmbH TW8 Datasheet HTML 18Page - IC-Haus GmbH TW8 Datasheet HTML 19Page - IC-Haus GmbH TW8 Datasheet HTML 20Page - IC-Haus GmbH TW8 Datasheet HTML 21Page - IC-Haus GmbH TW8 Datasheet HTML 22Page - IC-Haus GmbH TW8 Datasheet HTML 23Page - IC-Haus GmbH TW8 Datasheet HTML 24Page - IC-Haus GmbH TW8 Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
iC-TW8 16-BIT SIN/COS INTERPOLATOR
Pin Configuration Mode
Jan 9, 2013 Page PC9/15
Copyright © 2011–2013 iC Haus
www.ichaus.com
preliminar
y
preliminar
y
Setting the Interpolation Factor
Configuration inputs C0 and C1 are used to select
the interpolation factor. Input C1 selects the desired
interpolation group I0, I1, or I2 and input C0 selects
the desired interpolation factor from within the se-
lected group. Choose the desired interpolation factor
from Table 2 and connect the appropriate resistors
to configuration input C0 (pin 30) according to Ta-
ble 1 to set the corresponding configuration level.
C0
Level
Interp.
Group I0
Interp.
Group I1
Interp.
Group I2
11
x81921
x1600
x100001
10
x40962
x800
x50002
9
x2048
x400
x2500
8
x1024
x200
x1250
7
x512
x160
x1000
6
x256
x100
x500
5
x128
x80
x250
4
x64
x50
x125
3
x32
x40
x62.53
2
x16
x20
x25
1
x8
x10
x12.53
0
x4
x5
x6.253
Table 2: Configuration Input C0
The interpolation factors shown in Table 2 are the
number or AB output cycles per Sin/Cos input cy-
cle. There are four times as many AB output edges
per Sin/Cos input cycle than as shown in the table.
Note that while the iC-TW8 is a true 16-bit interpo-
lator, x10000 is the maximum interpolation factor
available in pin configuration mode. Full 16-bit
(x16384) interpolation is available in serial configu-
ration mode.
1 This interpolation factor can only be used with heavy
filtering (C2 configuration levels 8–11) and lag
recovery enabled (C3 configuration levels 6–11).
2 This interpolation factor can only be used with normal
or heavy filtering (C2 configuration levels 4–11) and
lag recovery enabled (C3 configuration levels 6–11).
3 Z output is not synchronous with AB outputs when
using fractional interpolation factors.
Setting the Auto-Adaption Mode
Configuration input C1 is used to select the desired
auto-adaption mode and the interpolation group cor-
responding to the interpolation factor selected via
configuration input C0. Choose the desired auto-
adaption mode and interpolation group from Table 3
and connect the appropriate resistors to configura-
tion input C1 (pin 31) according to Table 1 to set the
corresponding configuration level.
C1
Level
Auto-Adaption
Mode
Interpolation
Group
11
A3: Full analog
and digital auto-
adaption.
I2
10
I1
9
I0
8
A2: Full digital
auto-adaption.
I2
7
I1
6
I0
5
A1: Digital offset
and gain auto-
adaption.
I2
4
I1
3
I0
2
A0: No auto-
adaption.
I2
1
I1
0
I0
Table 3: Configuration Input C1
Three auto-adaption modes are available in pin con-
figuration mode. Mode A3 provides full analog and
digital auto-adaption. In this mode, the iC-TW8
continuously adjusts analog gain, analog offset,
digital offset, digital gain, and digital phase during
operation to maintain optimum performance and
lowest error and jitter.
Auto-adaption mode A2 provides full digital auto-
adaption and is the recommended mode for most
applications. In this mode, analog gain and offset
are fixed at the values established during device cal-
ibration (see Auto Calibration on page 12) and the
iC-TW8 continuously adjusts only the digital offset,
digital gain match, and digital phase during opera-
tion to maintain optimum performance and lowest
error and jitter.
Auto-adaption mode A1 is similar to mode A2 ex-
cept that digital phase is fixed at the value estab-
lished during device calibration and not adjusted
during operation.
In mode A0, auto-adaption is disabled and parame-
ter values are not adjusted from their initial calibra-
tion values during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com