Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8368 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8368
Description  Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8368 Datasheet(HTML) 1 Page - Analog Devices

  AD8368 Datasheet HTML 1Page - Analog Devices AD8368 Datasheet HTML 2Page - Analog Devices AD8368 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Circuit Note
CN-0072
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuit.
Devices Connected/Referenced
ADL5513
1 MHz to 4 GHz , 80 dB Logarithmic
Detector/Controller
AD8368
800 MHz Linear-in-dB Variable Gain
Amplifier (VGA)
Extending the Dynamic Range of the ADL5513 Logarithmic Detector
Using the AD8368 Variable Gain Amplifier
Rev. 0
“Circuits from the Lab” from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformance havebeentestedandverifiedinalabenvironment
atroomtemperature.However,youaresolelyresponsible fortestingthe circuit anddetermining its
suitability and applicability for your use and application. Accordingly, in no event shall Analog
Devices be liable for direct, indirect, special, incidental, consequential or punitive damages due to
anycausewhatsoeverconnectedtotheuseofany“CircuitfromtheLab”. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
This circuit provides a solution for increasing the dynamic
range of the ADL5513 logarithmic detector. This is
accomplished by adding an AD8368 variable gain amplifier
(VGA) at the input of the ADL5513. The VOUT signal from the
ADL5513 is attenuated and fed back to the gain control input of
the AD8368, providing precise control of the power at the input
of the ADL5513. Using this approach, the dynamic range of the
circuit is increased to 95 dB with excellent temperature stability
(see Figure 2). The output voltage is linear in dB with respect to
the input signal.
INPT
ENBL
VPSI
OCOM
ICOM
MODE
VPSI
VPSI
VPSO
VPSO
VPSI
OUTP
AD8368
VPOS1
10k
Ω
215
Ω
0
Ω
0
Ω
10nH
10nF
10nF
1nF
0.1µF
C10
1nF
5.6pF
1nF
C12
1nF
C15
0.1µF
INPUT 10nF
VPOS3
0
Ω
C12
1nF
C15
0.1µF
VPOS2
BAND-PASS
120MHz
52.3
Ω
1
VPOS
2 INHI
3 INLO
4
VPOS
11
VSET
12
TADJ
VOUT
VOUT
10
COMM
9
ADL5513
Z1
VPOS
GND
1k
Ω
47nF
100pF
C7
1000pF
0.1µF
VTADJ = 0.89V
VPOS
VPOS
1k
Ω
1k
Ω
VPOS
VPOS1
VPOS
VPOS2 VPOS3
Figure 1.ADL5513 Logarithmic Detector and AD8368 VGA Providing 95 dB Dynamic Range at 120 MHz (Simplified Schematic)
Note: VPOS = +5 V


Similar Part No. - AD8368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368 Datasheet
471Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
4/06-Revision 0
AD8368 AD-AD8368 Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368 Datasheet
732Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
Rev. C
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
471Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
4/06-Revision 0
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Similar Description - AD8368

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
STMicroelectronics
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
Using the SPIRIT1 transceiver with range extender
24-Oct-2013
AN1324 STMICROELECTRONICS-AN1324 Datasheet
122Kb / 15P
CALIBRATING THE RC OSCILLATOR OF THE ST7FLITE0 MCU USING THE MAINS
Rev. 2
AN2326 STMICROELECTRONICS-AN2326 Datasheet
250Kb / 20P
Calibrating the RC oscillator of the ST7ULTRALITE MCU using the mains
03-Apr-2006
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
AN2658 STMICROELECTRONICS-AN2658 Datasheet
189Kb / 23P
Using the analog to digital converter of the STM8S microcontroller
08-Jul-2009
AN3023 STMICROELECTRONICS-AN3023 Datasheet
289Kb / 23P
Using the analog-to-digital converter of the STM8A microcontroller
16-Oct-2009
UM1547 STMICROELECTRONICS-UM1547 Datasheet
523Kb / 51P
Using the firmware of the AT command set
24-Mar-2015
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
Extending the DAC performance of STM32 microcontrollers
03-Nov-2014
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com