Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8368 Datasheet (PDF) - Analog Devices

AD8368 Datasheet PDF - Analog Devices
Part # AD8368
Download  AD8368 Download
File Size   471.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz, Linear-in-dB VGA with AGC Detector

AD8368 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8368 Datasheet PDF - Analog Devices

Part # AD8368
Download  AD8368 Click to download

File Size   471.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 800 MHz, Linear-in-dB VGA with AGC Detector

AD8368 Datasheet (HTML) - Analog Devices


AD8368 Product details

GENERAL DESCRIPTION
The AD8368 is a variable gain amplifier (VGA) with analog linear-in-dB gain control that can be used from low frequencies to 800 MHz. Its excellent gain range, conformance, and flatness are attributed to the Analog Devices, Inc., X-AMP® architecture, an innovative technique for implementing high performance variable gain control.

FEATURES
   Analog variable gain range: −12 dB to +22 dB
   Linear-in-dB scaling: 37.5 dB/V
   3 dB bandwidth: 800 MHz @ VGAIN = 0.5 V
   Integrated rms detector
   P1dB: 16 dBm @ 140 MHz
   Output IP3: 33 dBm @ 140 MHz
   Noise figure at maximum gain: 9.5 dB @ 140 MHz
   Input and output impedances: 50 Ω
   Single-supply voltage from 4.5 V to 5.5 V
   RoHS-compliant, 24-lead LFCSP

APPLICATIONS
   Complete IF AGC amplifiers
   Gain trimming and leveling
   Cellular base stations
   Point-to-point radio links
   RF instrumentation




Similar Part No. - AD8368

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368 Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368 Datasheet
123Kb / 3P
Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
REV. 0
AD8368 AD-AD8368 Datasheet
732Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
Rev. C
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368-EVALZ AD-AD8368-EVALZ Datasheet
742Kb / 20P
Linear-in-dB VGA with AGC Detector
Sep-2017
More results


Similar Description - AD8368

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA2810C MOTOROLA-CA2810C Datasheet
112Kb / 4P
34 dB 10-450 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIER
CA2830C MOTOROLA-CA2830C Datasheet
77Kb / 4P
34.5 dB 5-200 MHz 800 mWATT WIDEBAND LINEAR AMPLIFIERS
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
500 MHz, Linear-in-dB VGA with AGC Detector
REV.0
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
Linear-in-dB VGA with AGC Detector
Sep-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com