Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet (PDF) - Analog Devices

AD8367 Datasheet PDF - Analog Devices
Part # AD8367
Download  AD8367 Download
File Size   607.36 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MHz, Linear-in-dB VGA with AGC Detector

AD8367 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8367 Datasheet PDF - Analog Devices

Part # AD8367
Download  AD8367 Click to download

File Size   607.36 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 MHz, Linear-in-dB VGA with AGC Detector

AD8367 Datasheet (HTML) - Analog Devices


AD8367 Product details

GENERAL DESCRIPTION
The AD8367 is a high performance 45 dB variable gain amplifier with linear-in-dB gain control for use from low frequencies up to several hundred megahertz. The range, flatness, and accuracy of the gain response are achieved using Analog Devices’ X-AMP® architecture, the most recent in a series of powerful proprietary concepts for variable gain applications, which far surpasses what can be achieved using competing techniques.
   
FEATURES
    Broad-range analog variable gain: −2.5 dB to +42.5 dB
    3 dB cutoff frequency of 500 MHz
    Gain up and gain down modes
    Linear-in-dB, scaled 20 mV/dB
    Resistive ground referenced input
    Nominal ZIN = 200 Ω
    On-chip, square-law detector
    Single-supply operation: 2.7 V to 5.5 V
   
APPLICATIONS
    Cellular base stations
    Broadband access
    Power amplifier control loops
    Complete, linear IF AGC amplifiers
    High speed data I/O
   




Similar Part No. - AD8367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367-EVAL AD-AD8367-EVAL Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARU AD-AD8367ARU Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARUZ AD-AD8367ARUZ Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results


Similar Description - AD8367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368 Datasheet
471Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
4/06-Revision 0
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
Linear-in-dB VGA with AGC Detector
Sep-2017
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com