Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 1 Page - Analog Devices

  AD8367 Datasheet HTML 1Page - Analog Devices AD8367 Datasheet HTML 2Page - Analog Devices AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8367
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
500 MHz, Linear-in-dB VGA
with AGC Detector
FUNCTIONAL BLOCK DIAGRAM
GAUSSIAN INTERPOLATOR
AD8367
VPSO
VPSI
HPFL
ICOM
DECL
VOUT
ENBL
OCOM
DETO
GAIN
MODE
INPT
ICOM
ICOM
SQUARE
LAW
DETECTOR
gm
CELLS
9-STAGE ATTENUATOR BY 5dB
BIAS
FEATURES
Broad Range Analog Variable Gain
–2.5 dB to +42.5 dB
3 dB Cutoff Frequency of 500 MHz
Gain Up and Gain Down Modes
Linear-in-dB, Scaled 20 mV/dB
Resistive Ground Referenced Input
Nominal ZIN
200
On-Chip Square-Law Detector
Single-Supply Operation: 2.7 V to 5.5 V
APPLICATIONS
Cellular Base Station
Broadband Access
Power Amplifier Control Loops
Complete, Linear IF AGC Amplifiers
High-Speed Data I/O
GENERAL DESCRIPTION
The AD8367 is a high-performance 45 dB variable gain ampli-
fier with linear-in-dB gain control for use from low frequencies
up to several hundred megahertz. The range, flatness, and accu-
racy of the gain response are achieved using Analog Devices’
X-AMP® architecture, the most recent in a series of powerful
proprietary concepts for variable gain applications, which far
surpasses what can be achieved using competing techniques.
The input is applied to a 200
Ω resistive ladder network, having
nine sections each of 5 dB loss, for a total attenuation of 45 dB.
At maximum gain, the first tap is selected; at progressively lower
gains, the tap moves smoothly and continuously toward higher
attenuation values. The attenuator is followed by a 42.5 dB
fixed gain feedback amplifier—essentially an operational ampli-
fier with a gain bandwidth product of 100 GHz—and is very
linear, even at high frequencies. The output third order intercept is
+20 dBV at 100 MHz (+27 dBm re 200
Ω), measured at an
output level of 1 V p-p with VS = 5 V.
The analog gain-control interface is very simple to use. It is
scaled at 20 mV/dB, and the control voltage, VGAIN, runs from
50 mV at –2.5 dB to 950 mV at +42.5 dB. In the inverse-gain
mode of operation, selected by a simple pin-strap, the gain
decreases from +42.5 dB at VGAIN = 50 mV to –2.5 dB at
VGAIN = 950 mV. This inverse mode is needed in AGC applications,
which are supported by the integrated square-law detector,
whose set point is chosen to level the output to 354 mV rms,
regardless of the waveshape. A single external capacitor sets up
the loop averaging time.
The AD8367 may be powered on or off by a voltage applied to
the ENBL pin. When this voltage is at a logic LO, the total power
dissipation drops to the milliwatt range. For a logic HI, the chip
powers-up rapidly to its normal quiescent current of 26 mA at
25
°C. The AD8367 is available in a 14-lead TSSOP package for
the industrial temperature range of –40
°C to +85°C.
X-AMP is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD8367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367-EVAL AD-AD8367-EVAL Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARU AD-AD8367ARU Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8367ARUZ AD-AD8367ARUZ Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
More results

Similar Description - AD8367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8368 AD-AD8368 Datasheet
471Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
4/06-Revision 0
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
Linear-in-dB VGA with AGC Detector
Sep-2017
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
500 MHz BW Envelope Detector
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com