Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices AD8367 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
AD8367
–8–
INPUT LEVEL – dBV rms
1.0
0.4
0
0
–60
–50
–40
–30
–20
–10
0.9
0.5
0.3
0.1
0.7
0.6
0.2
0.8
–0.5
–2.5
2.0
0
–1.0
–2.0
1.0
0.5
–1.5
1.5
10MHz
70MHz
140MHz
240MHz
–3.0
140MHz
10MHz
70MHz
240MHz
TPC 19. AGC RSSI (Voltage on DETO Pin) vs. Input
Power at 10 MHz, 70 MHz, 140 MHz, and 240 MHz
INPUT LEVEL – dBV rms
1.0
0.4
0
0
–60
–50
–40
–30
–20
–10
0.9
0.5
0.3
0.1
0.7
0.6
0.2
0.8
–0.5
–2.5
2.0
0
–1.0
–2.0
1.0
0.5
–1.5
1.5
–3.0
–40 C
+25 C
–40 C
+85 C
+85 C
+25 C
TPC 20. AGC RSSI (Voltage on DETO Pin) vs. Input
Power over Temperature at 70 MHz
INPUT LEVEL – dBV rms
1.0
0.4
0
–60
0.6
0.2
0.8
–50
–40
–30
–20
–10
10
0.9
0.3
0.5
0.1
0.7
2.5
–0.5
–2.5
0.5
–1.5
1.5
2.0
–1.0
0
–2.0
1.0
16QAM
IS95FWD
256QAM
WCDMA
64QAM
SINE
TPC 21. AGC RSSI (Voltage on DETO Pin) vs. Input
Power for Various Modulation Schemes
TIME – sec
0.8
0.7
0.4
–2E–05
2E–05
–1E–05
0
1E–05
0.6
0.5
CAGC = 100pF
VAGC
VOUT
TPC 22. AGC Time Domain Response (3 dB Step)
GAIN SCALING – mV/dB
19.0097
19.7297
19.9097
20.0897
20.2697
TPC 23. Gain Scaling Distribution at 70 MHz
INTERCEPT – dB
–6.4
–6.0
–5.6
–5.2
–4.8
–6.2
–5.8
–5.4
–5.0
TPC 24. Gain Intercept Distribution at 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com