Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 4 Page - Analog Devices

  AD8367 Datasheet HTML 1Page - Analog Devices AD8367 Datasheet HTML 2Page - Analog Devices AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
AD8367
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8367 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPSO, VPSI . . . . . . . . . . . . . . . . . . . . . 5.5 V
ENBL Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS + 200 mV
MODE Select Voltage . . . . . . . . . . . . . . . . . . . . VS + 200 mV
VGAIN Control Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±600 mV
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 250 mW
θJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8367ARU
–40
°C to +85°C
Tube, 14-Lead
RU-14
AD8367ARU-REEL-7
–40
°C to +85°C
7" Tape and Reel
AD8367-EVAL
–40
°C to +85°C
Evaluation Board
AD8367ARU-REEL
–40
°C to +85°C
13" Tape and Reel
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ENBL
INPT
MODE
GAIN
DETO
ICOM
ICOM
HPFL
VPSI
VPSO
VOUT
DECL
OCOM
ICOM
AD8367
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1, 7, 14 ICOM
Signal Common. Connect to low
impedance ground.
2
ENBL
A HI activates the device.
3
INPT
Signal Input. 200
Ω to ground.
4
MODE
Gain Direction Control. HI for Positive
Slope; LO for Negative Slope.
5
GAIN
Gain-Control Voltage Input
6
DETO
Detector Output. Provides output cur-
rent for RSSI function and AGC control.
8
OCOM
Power Common. Connect to low
impedance ground.
9
DECL
Decoupling Pin. Can Be Used to
Modify the Output Reference Level.
10
VOUT
Signal Output. Generally will be
ac-coupled.
11
VPSO
Positive Supply Voltage. 2.7 V to 5.5 V.
VPSI and VPSO are tied together inter-
nally with back-to-back PN junctions.
They should be tied together externally
and properly bypassed.
12
VPSI
Positive Supply Voltage. 2.7 V to 5.5 V.
13
HPFL
High-Pass Filter Connection. A capaci-
tor to ground sets the corner frequency
of the output offset control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com