Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices AD8367 Datasheet HTML 12Page - Analog Devices AD8367 Datasheet HTML 13Page - Analog Devices AD8367 Datasheet HTML 14Page - Analog Devices AD8367 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD8367
–11–
Table II. Reactive Matching Components for a 50
Ω System, R
S = 50
Ω, R
LOAD = 50
Ω
Frequency (MHz) XSIN
XPIN (pF)
XSOUT (pF)
XPOUT
10
1.5
H
120
180
1.8
H
70
220 nH
15
27
270 nH
140
120 nH
7
13
150 nH
190
82 nH
4
10
100 nH
240
68 nH
3
7
82 nH
Table I. S-Parameters for 50
Ω System for V
S = 5 V, and VGAIN = 0.75 V
Frequency (MHz)
S11
S21
S12
S22
10
0.64 0
°
8.5 177
°
2
× 10−3 153°
0.02 11
°
70
0.64 –1.5
°
9.0 168
°
5
× 10−4 106°
0.02 54
°
140
0.63 –3.0
°
10.0 152
°
9
× 10−4 80°
0.06 88
°
190
0.63 –3.7
°
10.4 138
°
9
× 10−4 147°
0.09 83
°
240
0.62 –4.9
°
10.8 125
°
1
× 10−3 148°
0.1 76
°
1
0.3333
–0.3333
–1
–3
3
0.3333
1
3
ZIN
RSOURCE
SERIES L
SHUNT C
fC
140MHz, ZIN
193.4
j46.3 , ZLOAD
229
j8.8
RSOURCE
50 , RLOAD
50
RSOURCE
50
VS
XPIN
5pF
XSIN
120nH
ZIN
ZOUT
CAC
0.1 F
XSOUT
13pF
XPOUT
150nH
RLOAD
50
AD8367
ZIN
ZLOAD
Figure 6. Reactive Matching Example for f
140 MHz
APPLICATIONS
The AD8367 can be configured either as a variable-gain amplifier
whose gain is controlled externally through the GAIN pin or as an
AGC amplifier, using a supply voltage of 2.7 V to 5.5 V. The
supply to the VPSO and VPSI pins should be decoupled using a
low-inductance 0.1 F surface-mount ceramic capacitor, as close
to the device as possible. Additional supply decoupling may be
provided by a small series resistor. A 10 nF capacitor from pin
DECL to OCOM is recommended to decouple the output refer-
ence voltage.
Input and Output Matching
The AD8367 is designed to operate in a 200
Ω impedance sys-
tem. The output amplifier is a low output impedance voltage
buffer with a 50
Ω damping resistor to desensitize it from load
reactance and parasitics. The quoted performance includes the
voltage division between the 50
Ω resistor and the 200 Ω load.
The AD8367 can be reactively matched to an impedance other
than 200
Ω using traditional step-up and step down matching
networks or high quality transformers. Table I lists the 50
Ω
S-parameters for the AD8367 at a VGAIN
750 mV.
Figure 6 illustrates an example where the AD8367 is matched to
50
Ω at 140 MHz. As shown in the Smith Chart, the input match-
ing network shifts the input impedance from ZIN to 50
Ω with an
insertion loss of less than 2 dB over a 5 MHz bandwidth. For the
output network, the 50
Ω load is made to present 200 Ω to the
AD8367 output. Table II provides the component values required
for 50
Ω matching at several frequencies of interest.
In situations where added loss and noise can be tolerated, a
resistive pad can be used to provide broad-band near-matched
impedances at the device terminals and the terminations.
Minimum-loss L-pad networks are used on the evaluation board
(see Figure 19) to allow easy interfacing to standard 50
Ω test
equipment. Each pad introduces an 11.5 dB power loss
(5.5 dB voltage loss).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com