Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD8367
–7–
FREQUENCY – MHz
250
200
0
0
500
100
200
300
400
150
100
50
0
–25
–120
–47
–73
–95
TPC 13. Input Resistance and Series Reactance vs.
Frequency at VGAIN = 500 mV
300mV
500mV
700mV
90
120
150
180
210
240
270
300
330
0
60
30
TPC 14. Input Reflection Coefficient vs. Frequency
from 10 MHz to 500 MHz for Multiple Values of VGAIN
FREQUENCY – MHz
70
65
40
0
500
100
200
300
400
60
55
50
45
20
15
–10
10
5
0
–5
TPC 15. Output Resistance and Series Reactance vs.
Frequency at VGAIN
500 mV
300mV
500mV
700mV
90
120
150
180
210
240
270
300
330
0
60
30
TPC 16. Output Reflection Coefficient vs. Frequency
from 10 MHz to 500 MHz for Multiple Values of VGAIN
TIME – 200ns/div
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
VOUT
VGAIN
TPC 17. VGA Time Domain Response (3 dB Step)
FREQUENCY – kHz
25
10
0
0.1
15
5
20
1
10
100
1000
10000
100000
100pF
1nF
NO CAP
10pF
10nF
TPC 18. Gain vs. Frequency for Multiple Values of
HPFL Capacitor at VGAIN = 500 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com