Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices AD8367 Datasheet HTML 11Page - Analog Devices AD8367 Datasheet HTML 12Page - Analog Devices AD8367 Datasheet HTML 13Page - Analog Devices AD8367 Datasheet HTML 14Page - Analog Devices AD8367 Datasheet HTML 15Page - Analog Devices AD8367 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD8367
–15–
Table III. Suggested Component Values For External AGC
Detector Circuit
Rate
C1
C2
R2
R3
Modulation Type
Sym/s
F
Fk
k
QPSK
1.23 M
0.0022
0.033
150
62
QPSK
4 M
0.0022
0.015
150
39
π/4 DQPSK
24.3 K
0.033
0.68
150
51
64 QAM
100 K
0.015
1.5
150
51
64 QAM
500 K
0.0068
0.33
150
62
64 QAM
4 M
0.0022
0.068
150
100
Evaluation Board
Figure 16 shows the schematic of the AD8367 evaluation board.
The board is powered by a single supply of 2.7 V to 5.5 V. Table
IV details the various configuration options of the evaluation board.
Figure 17. Layout of Component Side
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ENBL
INPT
MODE
GAIN
DETO
ICOM
ICOM
HPFL
VPSI
VPSO
VOUT
DECL
OCOM
ICOM
AD8367
OUTPUT
C5
10nF
R4
174
CHP, 10nF
R5
4.7
R6
4.7
C1
1 F
C2
0.1 F
C3
0.1 F
VP
CAGC
0.1 F
TP1
C4
0.1 F
J2
R3
57.6
R7
10k
TP4
GAIN
SW1
SW2
R2
174
J1
INPUT
R1
57.6
LK1
TP3
MODE
RHP, 0
Figure 16. Evaluation Board Schematic
Figure 18. Silkscreen of Component Side
Characterization Setup and Methods
Minimum-loss L-pad matching networks were used to interface
standard 50
Ω test equipment to the 200 Ω input impedance during
the characterization process. Using a 57.6
Ω shunt resistor followed
by a 174
Ω series resistor provides a broadband match between the
50
Ω test equipment and the 200 Ω device impedance as illustrated
in Figure 19. The insertion loss of this network is 11.5 dB.
AD8367
174
174
57.6
57.6
Figure 19. Characterization Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com