Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 5 Page - Analog Devices

  AD8367 Datasheet HTML 1Page - Analog Devices AD8367 Datasheet HTML 2Page - Analog Devices AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
Typical Performance Characteristics–AD8367
–5–
FREQUENCY – MHz
50
40
–10
10
1000
100
20
10
0
30
1V
0.9V
0.8V
0.7V
0.6V
0.5V
0.4V
0.3V
0.2V
0.1V
TPC 1. Gain vs. Frequency for Values of VGAIN
VGAIN – V
45
15
–5
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
40
20
10
0
30
25
5
35
MODE
5V
10MHz
70MHz
140MHz
240MHz
MODE
0V
10MHz
70MHz
140MHz
240MHz
TPC 2. Gain vs. VGAIN (Mode LO and Mode HI)
VGAIN – V
45
15
–5
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
40
20
10
0
30
25
5
35
–40 C
+25 C
+85 C
2.0
–0.4
–2.0
1.6
0
–0.8
–1.6
0.8
0.4
–1.2
1.2
TPC 3. Gain Conformance at 70 MHz for T
–40 C,
+25 C, and +85 C.
FREQUENCY – MHz
10
4
70
250
90
110
130
150
170
190
210
230
9
8
7
6
5
+85 C
+25 C
–40 C
TPC 4. NF (re 200
Ω) vs. Frequency at Maximum Gain
VGAIN – V
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
60
0
50
40
30
20
10
TPC 5. NF (re 200
) vs. VGAIN at 70 MHz
VGAIN – V
0
0
10MHz
0.1
0.2
0.4
0.6
0.7
0.8
0.9
1.0
5
10
15
25
30
0.3
0.5
20
7
12
17
22
32
37
27
70MHz
140MHz
240MHz
TPC 6. OIP3 vs. VGAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com