Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8367
Description  500 MHz, Linear-in-dB VGA with AGC Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8367 Datasheet HTML 2Page - Analog Devices AD8367 Datasheet HTML 3Page - Analog Devices AD8367 Datasheet HTML 4Page - Analog Devices AD8367 Datasheet HTML 5Page - Analog Devices AD8367 Datasheet HTML 6Page - Analog Devices AD8367 Datasheet HTML 7Page - Analog Devices AD8367 Datasheet HTML 8Page - Analog Devices AD8367 Datasheet HTML 9Page - Analog Devices AD8367 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD8367
–6–
FREQUENCY – MHz
30
10
1000
100
25
20
15
10
5
0
37
32
27
22
17
12
7
TPC 7. OIP3 vs. Frequency for VGAIN
500 mV
4
–2
–8
2
0
–4
–6
11
5
0
9
7
3
1
VGAIN – V
0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
200MHz
140MHz
70MHz
10MHz
TPC 8. Output P1dB vs. VGAIN
FREQUENCY – MHz
5
4
–5
10
1000
100
3
2
1
0
–1
–2
–3
–4
12
11
2
10
9
8
7
6
5
4
3
TPC 9. Output P1dB vs. Frequency at VGAIN
500 mV
VGAIN – V
0
–80
–10
–40
–50
–60
–70
–20
–30
0
0.8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
240MHz
140MHz
70MHz
10MHz
TPC 10. IMD3 vs. Gain (VOUT
1 V p-p Composite)
VS – V
4
–4
–8
2.5
–2
–6
0
3.0
3.5
4.0
4.5
5.0
5.5
2
11
9
7
5
3
1
–1
TPC 11. Output Compression Point vs. Supply
Voltage at 70 MHz, VGAIN = 500 mV
VS – V
25
10
0
2.5
15
5
20
3.0
3.5
4.0
4.5
5.0
5.5
32
27
22
17
12
7
TPC 12. Output Third Order Intercept vs. Supply
Voltage at 70 MHz, VGAIN = 500 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com