Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9520
Description  Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520 Datasheet(HTML) 2 Page - Analog Devices

  AD9520 Datasheet HTML 1Page - Analog Devices AD9520 Datasheet HTML 2Page - Analog Devices AD9520 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CN-0121
Circuit Note
Rev. A | Page 2 of 3
CIRCUIT DESCRIPTION
The circuit in Figure 1 was constructed by connecting the
respective evaluation boards for the individual products.
Connections were made with matched cable lengths. The first
of three basic requirements to synchronize multiple AD9910’s is
to provide a co-incident reference clock (REF CLK).
The setup uses the AD9520 as the REF CLK source for each
AD9910 DDS. The AD9520 runs off an external crystal and the
internal PLL. The AD9520 distributes phase aligned 1 GHz REF
CLKs (PECL outputs) to all four AD9910 evaluation boards. It
also provides a CMOS output clock to the Tektronix DG2020A
data pattern generator for the IO_UPDATE.
The next step for synchronization is to align the rising edge of
SYNC_CLK for all four AD9910’s. The SYNC_CLK provides
the reference for a co-incident IO_UPDATE. SYNC_CLK
alignment is accomplished using the internal synchronization
capability of the AD9910. The ADCLK846 distributes phase
aligned SYNC_INs to all four AD9910s. See the AD9910 data
sheet for more details on synchronization capability.
Figure 2 shows all four SYNC_CLKs with the AD9910 internal
synchronization circuit disabled. Note that the SYNC_CLKs are
not inherently aligned even when the REF CLKs are phase
aligned.
To phase align the SYNC_CLK rising edges, one AD9910 is
programmed as the master device and the others as slave
devices. The SYNC_OUT of the master device is an LVDS
signal buffered and distributed by the ADCLK846 to all
AD9910 evaluation boards. The SYNC_IN signal (LVDS) must
meet internal setup and hold time requirements of each
device’s system clock. To help support this timing requirement,
the AD9910 features the ability to delay the SYNC_OUT of the
master. For further flexibility, the internal SYNC_IN path of
each device can be independently delayed.
CH1 1.00V
Ω CH2 1.00VΩ
CH3 1.00V
Ω CH4 1.00VΩ
M2.00ns
CH2
480mV
1
2
3
4
C3 FREQUENCY
250.76MHz
LOW SIGNAL
AMPLITUDE
Figure 2. SYNC_CLKs Are Not Aligned.
In the setup of Figure 1, connections between boards were
made using matched cables, making it possible to use the
internal default delay values to phase align the SYNC_CLKs.
Figure 3 shows SYNC_CLK phase alignment via the using the
synchronization procedure described.
The last requirement to synchronize multiple DDS devices is a
co-incident IO_UPDATE. The IO_UPDATE must meet setup
and hold times to SYNC_CLK. The IO_UPDATE shown in
Figure 1 is sent synchronously to the SYNC_CLK. The last
requirement now enables the DDS outputs to be controlled.
Figures 4 and 5 show the DDS outputs in phase alignment.
Having the devices synchronized to one another now enables
predictable phase and/or amplitude adjustment between DDSs.
Note, in Figure 5 the system clock was reduced to 100 MHz
operation, and the outputs were unfiltered to display each DDS
raw output. Figure 5 also shows the value of synchronization
with each device outputting the same signal.
CH1 1.00V
Ω CH2 1.00VΩ
CH3 1.00V
Ω CH4 1.00VΩ
M2.00ns
CH1
480mV
1
2
3
4
C3 FREQUENCY
249.54MHz
LOW SIGNAL
AMPLITUDE
Figure 3. SYNC_CLK Are Aligned.
CH2 200mV
Ω B
W
CH3 200mV
Ω B
W
CH1 200mV
Ω B
W
CH4 200mV
Ω B
W
M5.00ns
CH2
–80V
1
2
3
4
C3 FREQUENCY
125.321MHz
Figure 4. Filtered DDS Outputs Phase Aligned Using the Setup in Figure 1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com