Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9520
Description  Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520 Datasheet(HTML) 3 Page - Analog Devices

  AD9520 Datasheet HTML 1Page - Analog Devices AD9520 Datasheet HTML 2Page - Analog Devices AD9520 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Circuit Note
CN-0121
Rev. A | Page 3 of 3
CH1 200mV
Ω
CH3 200mV
Ω CH4 200mVΩ
CH2 200mV
Ω M20.0ns
CH2
–80V
1
2
3
4
Figure 5. DDS Unfiltered Outputs Phase Aligned Using the Setup in Figure 1.
COMMON VARIATIONS
Analog Devices offers a variety of direct digital synthesizers,
clock distribution chips, and clock buffers to build a DDS-based
clock generator. Refer to www.analog.com/dds and
www.analog.com/clock for more information.
LEARN MORE
AN-823 Application Note, Direct Digital Synthesizers in
Clocking Applications. Analog Devices.
AN-837 Application Note, DDS-Based Clock Jitter Performance
vs. DAC Reconstruction Filter Performance. Analog Devices.
Kester, Walt. 2005. The Data Conversion Handbook. Analog
Devices. Chapters 6 and 7.
Kester, Walt. 2006. High Speed System Applications. Analog
Devices. Chapter 2, “Optimizing Data Converter Interfaces.”
Kester, Walt. 2006. High Speed System Applications. Analog
Devices. Chapter 3, “DACs, DDSs, PLLs, and Clock
Distribution.”
MT-031 Tutorial, Grounding Data Converters and Solving the
Mystery of AGND and DGND. Analog Devices.
MT-085 Tutorial, Fundamentals of Direct Digital Synthesis
(DDS), Analog Devices.
MT-086 Tutorial, Fundamentals of Phase Locked Loops (PLL),
Analog Devices.
MT-101 Tutorial, Decoupling Techniques. Analog Devices.
Data Sheets and Evaluation Boards
AD9910 Data Sheet.
AD9910 Evaluation Board.
AD9520 Data Sheet.
AD9520 Evaluation Board.
ADCLK846 Data Sheet.
ADCLK846 Evaluation Board.
REVISION HISTORY
12/09—Rev. 0 to Rev. A
Changes to Figure 1 ..........................................................................1
10/09—Revision 0: Initial Version
(Continued from first page) "Circuits from the Lab" are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you may
use the "Circuits from the Lab" in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or use of
the "Circuits from the Lab". Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is" and without warranties of any
kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no responsibility is assumed
by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the right to change any "Circuits
from the Lab" at any time without notice, but is under no obligation to do so. Trademarks and registered trademarks are the property of their respective owners.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08514-0-12/09(A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com