Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG904-R Datasheet(PDF) 5 Page - Analog Devices

Part # ADG904-R
Description  IF Band-Pass Filter Bank Switching Network for Wireless Infrastructure
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904-R Datasheet(HTML) 5 Page - Analog Devices

  ADG904-R Datasheet HTML 1Page - Analog Devices ADG904-R Datasheet HTML 2Page - Analog Devices ADG904-R Datasheet HTML 3Page - Analog Devices ADG904-R Datasheet HTML 4Page - Analog Devices ADG904-R Datasheet HTML 5Page - Analog Devices ADG904-R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circuit Note
CN-0211
Rev. 0 | Page 5 of 6
VECTOR NETWORK
ANALYZER
VDD
2.5V GND
J4
U6
U5
U4
J5
J12
ADG904-R U1
ADG904-R U2
EVAL-CN0211-EB1Z
Figure 7. Test Setup Functional Block Diagram
Equipment Needed
•
Vector Network Analyzer, Hewlett Packard 8753E
with Hewlett Packard 85033D 3.5 mm Calibration Kit,
or equivalent.
•
EVAL-CN0211-EB1Z Circuit Evaluation Board
•
Power supply (2.5V)
•
Coaxial RF cable with 3.5 mm type connectors
•
Setup and Test
The test setup is shown in Figure 7. The VNA is connected to
the circuit evaluation board through 3.5 mm connector type
cables. Full two port calibration of the VNA to the end of the
cables will be required before testing of the circuit evaluation
board. Table 1 shows the logic states to enable each individual
filter channel.
Table 1. Truth Table for Filter Path Selection
FILTER
EN
ADG904-R
U1
ADG904-R
U2
A0
A1
A0
A1
U6
0
1
0
0
0
U5
0
0
1
1
1
U4
0
0
0
1
0
.
LEARN MORE
CN0211 Design Support Package:
www.analog.com/CN0211-DesignSupport
Corrigan, Theresa, AN-952 Application Note, ADG9xx
Wideband CMOS Switches: Frequently Asked Questions,
Analog Devices.
MT-101 Tutorial, Decoupling Techniques, Analog Devices.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com