Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG904-R Datasheet(PDF) 3 Page - Analog Devices

Part # ADG904-R
Description  IF Band-Pass Filter Bank Switching Network for Wireless Infrastructure
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904-R Datasheet(HTML) 3 Page - Analog Devices

  ADG904-R Datasheet HTML 1Page - Analog Devices ADG904-R Datasheet HTML 2Page - Analog Devices ADG904-R Datasheet HTML 3Page - Analog Devices ADG904-R Datasheet HTML 4Page - Analog Devices ADG904-R Datasheet HTML 5Page - Analog Devices ADG904-R Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Circuit Note
CN-0211
Rev. 0 | Page 3 of 6
Figure 4 shows test results from the circuit evaluation PCB
when the ADG904R switches are selecting the 856656 SAW
filter. The response compares well to the standalone response,
which is also included in the plot for reference. Due to the loss
of the two ADG904-R switches in series, the insertion loss of
the filter has increased by 1 dB. Ripple in the pass band is of
importance in wireless infrastructure applications. The ripple
across the band is 0.47 dB from the minimum to maximum
peak within the pass band of 135.5 MHz to 144.5 MHz. This
level is well within the data sheet specification for ripple, which
is 0.8 dB max. The high off isolation of the switches is critical in
this application to minimize leakage from one filter channel to
the next. Poor switch off isolation would increase the in-band
insertion loss and ripple of the filter. No evidence of this is
visible in these test results.
Figure 5 and Figure 6 show the 856592 and 856684 SAW filter
channel test results, respectively. The results shown include the
loss from the two ADG904-R switches in series. This loss is
approximately 1.0 dB. Both filter channels show good flat
insertion loss, plus high out-of-band attenuation levels. The
results shown are within the manufacturers data sheet
tolerances and clearly show that the ADG904-R switches are not
introducing any ripple, mismatch, or affecting the flatness of the
filters in any way.
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
105
115
125
135
145
155
165
175
FREQUENCY (MHz)
–7
–8
–9
–10
–11
–12
–13
–14
130
132
134
136
138
140
142
144
146
148
150
FREQUENCY (MHz)
Figure 3. Standalone 140 MHz (Center Frequency), 11.82 MHz (1 dB BW), 856656 SAW Filter Frequency Response, No Switches
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
105
115
125
135
145
155
165
175
FREQUENCY (MHz)
SAW FILTER
SAW FILTER + SW
–7
–8
–9
–10
–11
–12
–13
–14
130
132
134
136
138
140
142
144
146
148
150
FREQUENCY (MHz)
SAW FILTER
SAW FILTER + SW
Figure 4. 140 MHz (Center Frequency), 11.82 MHz (1 dB BW), 856656 SAW Filter Frequency Response Measured on Evaluation Board with and without Switches



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com