Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC16680RF Datasheet(PDF) 3 Page - Tyco Electronics

Part # HSC16680RF
Description  Aluminium Housed Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HSC16680RF Datasheet(HTML) 3 Page - Tyco Electronics

  HSC16680RF Datasheet HTML 1Page - Tyco Electronics HSC16680RF Datasheet HTML 2Page - Tyco Electronics HSC16680RF Datasheet HTML 3Page - Tyco Electronics HSC16680RF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Specifications -
HSA5 - HSC150
HSC200 - HSC300
L
5.0
20.0
25.0
Thread M6
Type
L
HSA5, 10
7
HSA25, 50
10
HSC75, 100, 150
8
0.1 1
2
3
4
5
6
7
8
9 10 11 12 13 14 20 25 30 40 60
0 20
60
100
150
200
250
300
30
25
20
15
10
5
0
200
100
0
Duration of Overload (secs)
Power Dissipation (Watts)
This graph indicates the amount that the rated power (at 20°C) of the
standard HS Series resistor may be increased for overloads of 100mS to 60S
For resistor mounted on standard heatsink, related to power dissipation
HSA5
HSA10
HSA50
HSA25
HSC75
HSC100
HSC150
HSC200
HSC250
HSC300
Surface Temperature Rise
Power Overload
0.01
0.1
1
10
100
1000
10000
100000
Resistance (Ohms)
2000
1800
1600
1400
1200
1000
800
600
400
200
0
Pulse Energy HSC100 to HSC300
HSC100
HSC150
HSC200
HSC250
HSC300
Aluminium Housed Power Resistors
Type HS Series
1773035 CIS BI 10/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com