Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC16680RF Datasheet(PDF) 4 Page - Tyco Electronics

Part # HSC16680RF
Description  Aluminium Housed Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HSC16680RF Datasheet(HTML) 4 Page - Tyco Electronics

  HSC16680RF Datasheet HTML 1Page - Tyco Electronics HSC16680RF Datasheet HTML 2Page - Tyco Electronics HSC16680RF Datasheet HTML 3Page - Tyco Electronics HSC16680RF Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
How to Order
HS
A
50
680R
J
Common Part
Mounting Style
10 Watt = HSA5
16 Watt = HSA10
25 Watt = HSA25
50 Watt = HSA50
75 Watt = HSA75
etc
Power Rating
Resistance Value
HS - Standard
NHS - Low
Inductance
0.1ohm
(100 mille ohms)
R10
1ohm
(1000 mille ohms)
1R0
1K
(1000 ohms)
1KO
Tolerance
F - 1%
G - 2%
E - 3%
J - 5%
K - 10%
A - Single
Opposing
mounting Feet
B - Flange One
Side
C - Flange Two
Sides
M
L
H
M
L
H
M
L
H
H
2 x Mounting Hole
HSA5 - 2.4mm
HSA10 - 2.4mm
HSA25 - 3.3mm
HSA50 - 3.3mm
4 x Mounting Hole
HSC75 - 4.4mm
HSC100 - 4.4mm
HSC150 - 4.4mm
6 x Mounting Hole
HSC200 - 5.3mm
HSC250 - 5.3mm
HSC300 - 6.5mm
Dimensions -
HSA5 - HSA50
HSC200+
HSC75 - HSC150
Type
H±0.3
J±0.3
K±0.2
L Max
M Max
N Max
P Max
R Min
T±0.5
U Max
HSA5
11.3
12.4
2.4
17.0
30.0
17.0
9.0
1.9
4.3
2.5
HSA10
14.3
15.9
2.4
21.0
36.5
21.0
11.0
1.9
5.2
3.2
HSA25
18.3
19.8
3.3
29.0
51.0
28.0
15.0
2.8
7.2
3.2
HSA50
39.7
21.4
3.3
51.0
72.5
30.0
17.0
2.8
8.2
3.2
HSC75
29.0
37.0
4.4
49.0
71.0
47.5
26.0
5.0
11.5
3.5
HSC100
35.0
37.0
4.4
65.5
87.5
47.5
26.0
5.0
11.5
3.5
HSC150
58.0
37.0
4.4
98.0
122.0
47.5
26.0
5.0
11.5
3.5
HSC200
35.0
57.2
5.3
90.0
143.0
73.0
42.0
5.6
20.25
5.3
HSC250
44.5
57.2
5.3
109.0
163.0
73.0
42.0
5.6
20.25
5.3
HSC300
52.0
59.0
6.5
128.0
180.0
73.0
42.0
5.6
20.25
5.3
Aluminium Housed Power Resistors
Type HS Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com