Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFP300F Datasheet(PDF) 20 Page - Tyco Electronics

Part # 1206SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFP300F Datasheet(HTML) 20 Page - Tyco Electronics

Back Button 1206SFP300F Datasheet HTML 16Page - Tyco Electronics 1206SFP300F Datasheet HTML 17Page - Tyco Electronics 1206SFP300F Datasheet HTML 18Page - Tyco Electronics 1206SFP300F Datasheet HTML 19Page - Tyco Electronics 1206SFP300F Datasheet HTML 20Page - Tyco Electronics 1206SFP300F Datasheet HTML 21Page - Tyco Electronics 1206SFP300F Datasheet HTML 22Page - Tyco Electronics 1206SFP300F Datasheet HTML 23Page - Tyco Electronics 1206SFP300F Datasheet HTML 24Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
94
RoHS Compliant, ELV Compliant
HF Halogen Free
11
% of rated current
Clear time at 25°C
100%
4 hours (min.)
200% (0.5A-10.0A)
0.01 second (min.)
5 seconds (max.)
200% (12.0A-20.0A)
0.01 second (min.)
20 seconds (max.)
2410 (6125 mm) Very Fast-Acting Fuse
Shape and Dimensions
mm (Inch)
D
A
C
B
Table SFV1 Clear Time Characteristics for 2410 Very Fast-Acting Fuses
Table SFV2
Typical Electrical Characteristics, Dimensions and Recommended Pad Layout for
2410 Very Fast-Acting Fuses
Part Number
Typical Electrical Characteristics
Max. Interrupt Ratings
Marking
Code
Rated
Current
(A)
Nominal
Cold DCR
(
Ω)*
Nominal
I2t
(A2sec)
Voltage
Current
(A)
(VAC)
(VDC)
2410SFV0.50FM/125-2
C
0.5
0.2310
0.10
250
125
50A @ 250VAC
50A @ 125VDC
300A @ 32VDC
2410SFV0.63FM/125-2
S
0.6
0.1740
0.16
250
125
2410SFV0.75FM/125-2
D
0.8
0.1480
0.23
250
125
2410SFV1.00FM/125-2
E
1.0
0.0930
0.59
250
125
2410SFV1.25FM/125-2
F
1.3
0.0700
0.96
250
125
2410SFV1.50FM/125-2
G
1.5
0.0620
1.19
125
125
50A @ 125VAC
50A @ 125VDC
300A @ 32VDC
2410SFV2.00FM/125-2
I
2.0
0.0420
2.75
125
125
2410SFV2.50FM/125-2
J
2.5
0.0310
1.21
125
125
2410SFV3.00FM/125-2
K
3.0
0.0249
1.73
125
125
2410SFV3.15FM/125-2
V
3.2
0.0232
2.20
125
125
2410SFV3.50FM/125-2
L
3.5
0.0220
2.50
125
125
2410SFV4.00FM/125-2
M
4.0
0.0172
4.10
125
125
2410SFV5.00FM/125-2
N
5.0
0.0143
5.90
125
125
2410SFV6.30FM/125-2
O
6.3
0.0100
12.50
125
125
2410SFV7.00FM/125-2
P
7.0
0.0094
14.20
125
125
2410SFV8.00FM/125-2
R
8.0
0.0086
20.30
125
125
2410SFV10.0FM/125-2
Q
10.0
0.0066
29.20
125
125
35A @ 125VAC
50A @ 125VDC
300A @ 32VDC
2410SFV12.0FM/065-2
X
12.0
0.0053
49.20
65
65
50A @ 65VAC
50A @ 65VDC
300A @ 32VDC
2410SFV15.0FM/065-2
Y
15.0
0.0038
102.50
65
65
2410SFV20.0FM/065-2
Z
20.0
0.0034
126.20
65
65
50A @ 65VAC
50A @ 65VDC
300A @ 32VDC
* Measured at
10% of rated current and 25°C ambient temperature.
Recommended Pad Layout
mm (Inch)
6.86
(0.270)
3.15
(0.124)
1.96
(0.077)
2.95
(0.116)
A
BC
D
Min
Max
Min
Max
Min
Max
Min
Max
mm
5.95
6.25
1.96
2.36
0.97
1.73
2.34
2.64
in
(0.234) (0.246)
(0.077) (0.093)
(0.038) (0.068)
(0.092) (0.104)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com