Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1206SFP300F Datasheet(PDF) 26 Page - Tyco Electronics

Part # 1206SFP300F
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFP300F Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 1206SFP300F Datasheet HTML 20Page - Tyco Electronics 1206SFP300F Datasheet HTML 21Page - Tyco Electronics 1206SFP300F Datasheet HTML 22Page - Tyco Electronics 1206SFP300F Datasheet HTML 23Page - Tyco Electronics 1206SFP300F Datasheet HTML 24Page - Tyco Electronics 1206SFP300F Datasheet HTML 25Page - Tyco Electronics 1206SFP300F Datasheet HTML 26Page - Tyco Electronics 1206SFP300F Datasheet HTML 27Page - Tyco Electronics 1206SFP300F Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
100
RoHS Compliant, ELV Compliant
HF Halogen Free
11
Dimension
Description
Mark
1206/0603/0402
2410
Hub outer diameter
B
60
60.2
Reel inside width
W1
9
13.4
Reel outside width
W2
11.4
16
Tape width
8
B
W
2
W
1
Figure F4 Reel Dimensions for All Fuses
Agency Approvals for All Fuses
UL
File # E197536
Part Numbering System for Fast-Acting, Slow-Blow And 0603 Very Fast-Acting Chip Fuses
1206 SF F 400 F / 24 -2
Packaging
-2
= Tape and Reel
Voltage Rating
24 = 24V
DC
Special Code
F
= RoHS Compliant
FM = RoHS Compliant + Marked Part
Rated Current
050 = 0.50 Amps
400 = 4 Amps
Fuse Blow Type
F
= Fast Acting
S
= Slow Blow
SF = Surface Mount Fuse
Size (1206, 0603, 0402)
Part Numbering System for High-Current-Rated Chip Fuses
1206 SF H 100 F / 24 -2
Packaging
-2
= Tape and Reel
Voltage Rating
24 = 24V
DC
Special Code
F
= RoHS Compliant
FM = RoHS Compliant + Marked Part
Rated Current
100 = 10 Amps
Fuse Blow Type
H
= High Current
SF = Surface Mount Fuse
Size (1206)
Dimension (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com