Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # TLP627
Description  HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP627 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  TLP627 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP627 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB92651m-AAS/A3
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
ForwardVoltage (V
F)
1.0
1.15
1.3
V
I
F = 10mA
Reverse Current (I
R)10
μAV
R = 4V
Output
Collector-emitter Breakdown (BV
CEO )
300
V
I
C = 0.1mA
Emitter-collector Breakdown (BV
ECO )
0.3
V
I
E = 0.1mA
Collector-emitter Dark Current (I
CEO )
10
200
nA
V
CE = 200V
Coupled
Current Transfer Ratio (CTR)
1000
4000
%
1mA I
F , 1V VCE
Saturated CTR (CTRSAT)
500
%
10mA I
F , 1V VCE
Collector-emitterSaturationVoltageV
CE(SAT)
1.2
V
10mA I
F , 100mA IC
Collector-emitterSaturationVoltageV
CE(SAT)
1.0
V
1mA I
F , 10mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Input-output Capacitance
Cf
1
pF
V = 0, f =1MHz
Output Rise Time
tr
40
μsV
CC = 10V, IC= 10mA,
Output Fall Time
tf
15
μsR
L = 100Ω
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
26/11/09
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Input
Output
10%
90%
10%
90%
t
off
t
r
t
on
t
f
Output
V
CC
I
C = 10mA
Input
FIGURE 1
100
Ω



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com