Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP627 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # TLP627
Description  HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP627 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  TLP627 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP627 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26/11/09
DB92651m-AAS/A3
APPROVALS
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead forms : -
- STD
- G form
- SMD approved to CECC 00802
DESCRIPTION
The TLP627 is an optically coupled isolator
consisting of infrared light emitting diode and a
high voltage NPN silicon photo darlington which
has an integral base-emitter resistor to optimise
switching speed and elevated temperature
characteristics in a standard 4 pin dual in line
plastic package.
FEATURES
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
High Current Transfer Ratio ( 1000% min)
HighBV
CEO (300V min.)
Low input current 1mA I
F
APPLICATIONS
Modems
Copiers, facsimiles
Numerical control machines
Signal transmission between systems of
different potentials and impedances
HIGH VOLTAGE DARLINGTON
OUTPUT OPTICALLY COUPLED
ISOLATOR
TLP627X
TLP627
10.16
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
0.26
7.62
OPTION G
OPTION G
OPTION G
OPTION G
OPTION G
OPTION SM
OPTION SM
OPTION SM
OPTION SM
OPTION SM
ISOCOMCOMPONENTSLTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool,TS25 1YD England Tel: (01429)863609
Fax : (01429) 863581 e-mail sales@isocom.co.uk
http://www.isocom.com
1.2
3.0
4.0
3.0
3.35
7.0
6.0
0.5
0.5
7.62
0.26
13°
Max
2.54
Dimensions in mm
5.08
4.08
4
3
1
2
10.46
9.86
0.6
0.1
1.25
0.75
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 125°C
Operating Temperature
-30°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitterVoltageBV
CEO
300V
Collector Current I
C
150mA
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
200mW


Similar Part No. - TLP627

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627 TOSHIBA-TLP627 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
TLP627 TOSHIBA-TLP627 Datasheet
722Kb / 8P
Programmable Controllers DC-output Module Telecommunication
TLP627-2 TOSHIBA-TLP627-2 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627-2 TOSHIBA-TLP627-2 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
More results

Similar Description - TLP627

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS660 ETC1-IS660 Datasheet
49Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS7000 ETC1-IS7000 Datasheet
41Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
ISOCOM COMPONENTS
H11G1X ISOCOM-H11G1X Datasheet
56Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725 Datasheet
53Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11D1X ISOCOM-H11D1X Datasheet
78Kb / 3P
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
H11G1 ISOCOM-H11G1_08 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
IS660 ISOCOM-IS660_08 Datasheet
76Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
IS725 ISOCOM-IS725_08 Datasheet
83Kb / 3P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
ISP627 ISOCOM-ISP627 Datasheet
129Kb / 2P
HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com