Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C52 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CS82C52
Description  CMOS Serial Controller Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C52 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CS82C52 Datasheet HTML 7Page - Intersil Corporation CS82C52 Datasheet HTML 8Page - Intersil Corporation CS82C52 Datasheet HTML 9Page - Intersil Corporation CS82C52 Datasheet HTML 10Page - Intersil Corporation CS82C52 Datasheet HTML 11Page - Intersil Corporation CS82C52 Datasheet HTML 12Page - Intersil Corporation CS82C52 Datasheet HTML 13Page - Intersil Corporation CS82C52 Datasheet HTML 14Page - Intersil Corporation CS82C52 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FN2950.3
April 26, 2006
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range
C82C52 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
I82C52 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
M82C52 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
θ
JC (°C/W)
CERDIP Package . . . . . . . . . . . . . . . .
45
8.4
CLCC Package . . . . . . . . . . . . . . . . . .
60
14
PDIP Package . . . . . . . . . . . . . . . . . . .
55
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
46
N/A
Maximum Junction Temperature
Ceramic Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175°C
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
(Lead Tips Only For Surface Mount Packages)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1500 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications VCC = 5.0V ±10%, TA = 0°C to +70°C (C82C52), TA = -40°C to +85°C (l82C52)
TA = -55°C to +125°C (M82C52)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
VIH
Logical One Input Voltage
2.0
-
V
I82C52, C82C52
2.2
-
V
M82C52
VIL
Logical Zero Input Voltage
-
0.8
V
VTH
Schmitt Trigger Logic One Input Voltage
VCC -0.5
-
V
Reset Input
VTL
Schmitt Trigger Logic Zero Input Voltage
-
GND +0.5
V
Reset Input
VIH (CLK)
Logical One Clock Input Voltage
VCC -0.5
-
V
External Clock
VlL (CLK)
Logical Zero Clock Input Voltage
-
GND +0.5
V
External Clock
VOH
Output High Voltage
3.0
-
V
IOH = -2.5mA, Except OX
VCC -0.4
-
V
IOH = -100µA, For OX - IOH = -1.0mA
VOL
Output Low Voltage
-
0.4
V
lOL = +2.5mA
II
Input Leakage Current
-1.0
+1.0
µAVIN = GND or VCC, DIP Pins 1, 2, 11, 12, 17,
18, 23, 25, 28
IO
Input/Output Leakage Current
-10.0
+10.0
µAVO = GND or VCC, DIP Pins 3-10
ICCOP
Operating Power Supply Current
(Note 1)
-
4
mA
External Clock F = 2.4576MHz,
VCC = 5.5V, VIN = VCC or GND,
Outputs Open
ICCSB
Standby Supply Current
-
100
µAVCC = 5.5V, VIN = VCC or GND,
Outputs Open
NOTE:
1. Guaranteed and sampled, but not 100% tested. ICCOP is typically
≤ 1.5mA/MHz.
Capacitance TA = 25°C
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
12
pF
FREQ = 1MHz, all measurements are
referenced to device GND
COUT
Output Capacitance
15
pF
CI/O
I/O Capacitance
15
pF
82C52
82C52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com