Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS82C52 Datasheet(PDF) 13 Page - Intersil Corporation

Part # CS82C52
Description  CMOS Serial Controller Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C52 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CS82C52 Datasheet HTML 9Page - Intersil Corporation CS82C52 Datasheet HTML 10Page - Intersil Corporation CS82C52 Datasheet HTML 11Page - Intersil Corporation CS82C52 Datasheet HTML 12Page - Intersil Corporation CS82C52 Datasheet HTML 13Page - Intersil Corporation CS82C52 Datasheet HTML 14Page - Intersil Corporation CS82C52 Datasheet HTML 15Page - Intersil Corporation CS82C52 Datasheet HTML 16Page - Intersil Corporation CS82C52 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FN2950.3
April 26, 2006
Timing Waveform
AC Test Circuit
FIGURE 14. BUS OPERATION
CS0
, A0, A1
SELECT VALID
NEXT BUS CYCLE
WR
RD
D0-D7
D0-D7
(5)
TRLDV
(6)
TRHDZ
(1)
TSVCTL
(3)
TCTLCTH
(4)
TCTHCTL
(1)
TSVCTL
(3)
TCTLCTH
(2)
TCTHSX
(8)
TWHDX
(7)
TDVWH
VALID
WRITE
OPERATION
READ
OPERATION
TEST POINT
R1
V1
CL
OUTPUT FROM
DEVICE UNDER
TEST
R2
TEST CONDITION
V1
R1
R2
CL
1
Propagation Delay
1.7V
520
∞
100pF
2
Disable Delay
VCC
5K
5K
50pF
82C52
82C52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com