Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4082IPZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP4082IPZ
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4082IPZ Datasheet(HTML) 5 Page - Intersil Corporation

  HIP4082IPZ Datasheet HTML 1Page - Intersil Corporation HIP4082IPZ Datasheet HTML 2Page - Intersil Corporation HIP4082IPZ Datasheet HTML 3Page - Intersil Corporation HIP4082IPZ Datasheet HTML 4Page - Intersil Corporation HIP4082IPZ Datasheet HTML 5Page - Intersil Corporation HIP4082IPZ Datasheet HTML 6Page - Intersil Corporation HIP4082IPZ Datasheet HTML 7Page - Intersil Corporation HIP4082IPZ Datasheet HTML 8Page - Intersil Corporation HIP4082IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN3676.4
January 3, 2006
GATE DRIVER OUTPUT PINS: ALO, BLO, AHO, & BHO
Low Level Output Voltage
VOL
IOUT = 50mA
0.65
1.1
0.5
1.2
V
High Level Output Voltage
VDD-VOH
IOUT = -50mA
0.7
1.2
0.5
1.3
V
Peak Pullup Current
IO+VOUT = 0V
1.1
1.4
2.5
0.85
2.75
A
Peak Pulldown Current
IO-VOUT = 12V
1.0
1.3
2.3
0.75
2.5
A
Switching Specifications VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL= 100K, CL = 1000pF.
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -55°C TO
+150°C
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-off Propagation Delay
(ALI-ALO, BLI-BLO)
TLPHL
-
25
50
-
70
ns
Upper Turn-off Propagation Delay
(AHI-AHO, BHI-BHO)
THPHL
-
55
80
-
100
ns
Lower Turn-on Propagation Delay
(ALI-ALO, BLI-BLO)
TLPLH
-
40
85
-
100
ns
Upper Turn-on Propagation Delay
(AHI-AHO, BHI-BHO)
THPLH
-
75
110
-
150
ns
Rise Time
TR
-9
20
-
25
ns
Fall Time
TF
-9
20
-
25
ns
Minimum Input Pulse Width
TPWIN-ON/OFF
50
-
-
50
-
ns
Output Pulse Response to 50 ns Input Pulse
TPWOUT
63
80
ns
Disable Turn-off Propagation Delay
(DIS - Lower Outputs)
TDISLOW
-
50
80
-
90
ns
Disable Turn-off Propagation Delay
(DIS - Upper Outputs)
TDISHIGH
-
75
100
-
125
ns
Disable Turn-on Propagation Delay
(DIS - ALO & BLO)
TDLPLH
-
40
70
-
100
ns
Disable Turn-on Propagation Delay
(DIS- AHO & BHO)
TDHPLH
RDEL = 10K
-
1.2
2
-
3
µs
Refresh Pulse Width (ALO & BLO)
TREF-PW
375
580
900
350
950
ns
TRUTH TABLE
INPUT
OUTPUT
ALI, BLI
AHI, BHI
VDDUV
VHBUV
DIS
ALO, BLO
AHO, BHO
XX
XX
1
0
0
XX
1
X
X
0
0
0X0
1
0
0
0
1X0X0
1
0
01
00
0
0
1
00
00
0
0
0
NOTE: X signifies that input can be either a “1” or “0”.
Electrical Specifications
VDD = VAHB = VBHB = 12V, VSS = VAHS = VBHS = 0V, RDEL = 100K (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -55°C
TO +150°C
UNITS
MIN
TYP MAX MIN
MAX
HIP4082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com