Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4082IPZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP4082IPZ
Description  80V, 1.25A Peak Current H-Bridge FET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4082IPZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP4082IPZ Datasheet HTML 4Page - Intersil Corporation HIP4082IPZ Datasheet HTML 5Page - Intersil Corporation HIP4082IPZ Datasheet HTML 6Page - Intersil Corporation HIP4082IPZ Datasheet HTML 7Page - Intersil Corporation HIP4082IPZ Datasheet HTML 8Page - Intersil Corporation HIP4082IPZ Datasheet HTML 9Page - Intersil Corporation HIP4082IPZ Datasheet HTML 10Page - Intersil Corporation HIP4082IPZ Datasheet HTML 11Page - Intersil Corporation HIP4082IPZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN3676.4
January 3, 2006
HIP4082
FIGURE 16. DEAD-TIME vs DEL RESISTANCE AND BIAS
SUPPLY (VDD) VOLTAGE
FIGURE 17. MAXIMUM OPERATING PEAK AHS/BHS
VOLTAGE vs TEMPERATURE
Performance Curves (Continued)
0
10
20
30
40
50
60
70
80
90 100
100
1000
104
DEAD TIME RESISTANCE (k
Ω)
V
DD = 12V
V
DD = 9V
V
DD = 15V
100
50
0
50
100
150
70
75
80
85
90
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com