Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800 Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 17Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 18Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 19Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 20Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 21Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 22Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 23Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 24Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
21
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
The primitive objects supported by the graphics processor are: lines, points, rectangles,
bitmaps (comprehensive set of formats), text display, plotting bar graph, edge strips,
and line strips, etc.
Operations such as stencil test, alpha blending and masking are useful for creating a
rich set of effects such as shadows, transitions, reveals, fades and wipes.
Anti-aliasing of the primitive objects (except bitmaps) gives a smoothing effect to the
viewer.
Bitmap transformations enable operations such as translate, scale and rotate.
Display pixels are plotted with 1/16th pixel precision.
Four levels of graphics states
Tag buffer detection
The graphics engine also supports customized build-in widgets and functionalities such as jpeg
decode, screen saver, calibration etc. The graphics engine interprets commands from the MPU
host via a 4 Kbyte FIFO in FT800 memory at RAM_CMD. The MPU/MCU writes commands into
the FIFO, and the graphics engine reads and executes the commands. The MPU/MCU updates
register REG_CMD_WRITE to indicate that there are new commands in the FIFO, and the
graphics engine updates REG_CMD_READ after commands have been executed.
Main features supported are:
Drawing of widgets such as buttons, clock, keys, gauges, text displays, progress bars,
sliders, toggle switches, dials, gradients, etc.
JPEG decode (Only baseline is supported)
Inflate functionality (zlib inflate is supported)
Timed interrupt (generate an interrupt to host processor after a specified number of
milliseconds)
In built animated functionalities such as displaying logo, calibration, spinner, screen
saver and sketch
Snapshot feature to capture the current graphics display
For a complete list of graphics engine display commands and widgets refer to FT800
Programmer Guide [FTDI Document FT_000793], Chapter 4.
4.3.2 ROM and RAM Fonts
The FT800 has built in ROM character bitmaps as font metrics. The graphics engine can use
these metrics when drawing text fonts. There are total 16 ROM fonts, numbered with font
handle 16-31. The user can define and load customized font metrics into RAM_G, which can be
used by display command with handle 0-15.
Each font metric block has a 148 byte font table which defines the parameters of the font and
the pointer of font image. The font table format is shown in Table 4-6.
Table 4-6 Font table format
Address Offset
Size(byte)
Parameter Description
0
128
width of each font character, in pixels
128
4
font bitmap format, for example L1, L4 or L8
132
4
font line stride, in bytes
136
4
font width, in pixels
140
4
font height, in pixels
144
4
pointer to font image data in memory
The ROM fonts are stored in the memory space ROM_FONT. The ROM font table is also stored
in the ROM. The starting address of ROM font table for font index 16 is stored at
ROM_FONT_ADDR, with other font tables follow. The ROM font table and individual character
width (in pixel) are listed in Table 4-7 through Table 4-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com