Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT800 Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT800
Description  Embedded Video Engine
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT800 Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT800 Datasheet HTML 35Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 36Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 37Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 38Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 39Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 40Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 41Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 42Page - Future Technology Devices International Ltd. FT800 Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Copyright © 2013 Future Technology Devices International Limited
39
Document No.: FT_000792
FT800
Embedded Video Engine
Datasheet Version 1.1
Clearance No.: FTDI# 334
Address
Register Name
Bit
s
Acce
ss
Reset
value
Description
1024BCh
REG_PLAYBACK_PLAY
1 r/o
0h Start audio playback
1024C0h
REG_PWM_HZ
14 r/w
00FAh BACKLIGHT PWM output frequency
(Hz)
1024C4h
REG_PWM_DUTY
8 r/w
80h BACKLIGHT PWM output duty cycle
0=0%, 128=100%
1024C8h
REG_MACRO_0
32 r/w
00000000h Display list macro command 0
1024CCh
REG_MACRO_1
32 r/w
00000000h Display list macro command 1
1024D0h
–
1024E0h
Reserved
- -
- Reserved
1024E4h
REG_CMD_READ
12 r/w
000h Command buffer read pointer
1024E8h
REG_CMD_WRITE
12 r/w
000h Command buffer write pointer
1024ECh
REG_CMD_DL
13 r/w
0000h Command display list offset
1024F0h
REG_TOUCH_MODE
2 r/w
3h Touch-screen sampling mode
1024F4h
REG_TOUCH_ADC_MOD
E
1 r/w
1h Select single ended (low power) or
differential (accurate) sampling
1024F8h
REG_TOUCH_CHARGE
16 r/w
1770h Touch-screen charge time, units of 6
clocks
1024FCh
REG_TOUCH_SETTLE
4 r/w
3h Touch-screen settle time, units of 6
clocks
102500h
REG_TOUCH_OVERSAMP
LE
4 r/w
7h Touch-screen oversample factor
102504h
REG_TOUCH_
RZTHRESH
16 r/w
FFFFh Touch-screen resistance threshold
102508h
REG_TOUCH_
RAW_XY
32 r/o
- Touch-screen raw (x-MSB16; y-LSB16)
10250Ch
REG_TOUCH_RZ
16 r/o
- Touch-screen resistance
102510h
REG_TOUCH_
SCREEN_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16)
102514h
REG_TOUCH_
TAG_XY
32 r/o
- Touch-screen screen (x-MSB16; y-
LSB16) used for tag lookup
102518h
REG_TOUCH_TAG
8 r/o
- Touch-screen tag result
10251Ch
REG_TOUCH_TRANSFOR
M_A
32 r/w
00010000h Touch-screen transform coefficient
(s15.16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com