Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRVS241X02E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRVS241X02E
Description  ST repetitive voltage suppressor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRVS241X02E Datasheet(HTML) 1 Page - STMicroelectronics

  STRVS241X02E Datasheet HTML 1Page - STMicroelectronics STRVS241X02E Datasheet HTML 2Page - STMicroelectronics STRVS241X02E Datasheet HTML 3Page - STMicroelectronics STRVS241X02E Datasheet HTML 4Page - STMicroelectronics STRVS241X02E Datasheet HTML 5Page - STMicroelectronics STRVS241X02E Datasheet HTML 6Page - STMicroelectronics STRVS241X02E Datasheet HTML 7Page - STMicroelectronics STRVS241X02E Datasheet HTML 8Page - STMicroelectronics STRVS241X02E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
April 2013
DocID023950 Rev 2
1/13
13
STRVSX
ST repetitive voltage suppressor
Datasheet
production data
Features
 Clamping voltage characteristics defined at
25 °C, 85 °C and 125 °C
 Stand-off voltage range: from 85 V to 188 V
 Low leakage current: 0.2 µA at 25 °C
 Maximum operating junction temperatures:
– SMB and SMC: 150 °C
– DO-15 and DO-201: 175°C
Complies with the following standards:
 IEC 61000-4-2 level 4
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
 IEC 61000-4-5 level 4
 MIL-STD-883, method 3015, class 3B:
– 25 kV HBM (human body model)
 MIL-STD-750, method 2026 solderability
 EIA STD RS-481 and IEC 60286-3 packing
(surface mount packages)
Applications
 MOSFET protection
 IGBT protection
 Auxiliary power supply
Description
The STRVSX series is a TVS family created to
provide simple and effective solutions for
designers working on circuits that require
protection from repetitive overvoltages.
The STRVSX series is highly reliable and suits
applications where the surge frequency makes
the protected device temperature increase, for
example, MOSFET protection in fly back
configuration.
Additional support for designers using these
devices is available in the STMicroelectronics
application note AN4209: “Design methodology
for repetitive voltage suppressors (RVS) in
repetitive mode: STRVS”.
K
A
K
A
K
K
A
A
SMB
STRVS185X02B
SMC
STRVS118X02C
STRVS248X02C
DO-15
STRVS185X02E
STRVS225X02E
STRVS241X02E
DO-201
STRVS142X02F
STRVS182X02F
STRVS222X02F
STRVS252X02F
STRVS280X02F
Table 1. Device summary
CPN
Clamping voltage
IPP = 2 A (125 °)
Package
STRVS118X02C
118 V
SMC
STRVS142X02F
142 V
DO-201
STRVS182X02F
182 V
DO-201
STRVS185X02B
185 V
SMB
STRVS182X02E
185 V
DO-15
STRVS222X02F
222 V
DO-201
STRVS225X02E
225 V
DO-15
STRVS241X02E
241 V
DO-15
STRVS248X02C
248 V
SMC
STRVS252X02F
252 V
DO-201
STRVS280X02F
280 V
DO-201
www.st.com


Similar Part No. - STRVS241X02E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRVS241X02E STMICROELECTRONICS-STRVS241X02E Datasheet
274Kb / 14P
ST repetitive voltage suppressor
14-Sep-2015
More results

Similar Description - STRVS241X02E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N248B NJSEMI-1N248B Datasheet
129Kb / 1P
PEAK REPETITIVE REVERSE VOLTAGE DC BLOCKING VOLTAGE
2N6075 NJSEMI-2N6075 Datasheet
133Kb / 1P
REPETITIVE PEAK OFF-STATE VOLTAGE
2N6165 NJSEMI-2N6165 Datasheet
173Kb / 2P
REPETITIVE PEAK OFF-STATE VOLTAGE
logo
Fairchild Semiconductor
1N3070TR FAIRCHILD-1N3070TR Datasheet
31Kb / 2P
Maximum Repetitive Reverse Voltage
1N458ATR FAIRCHILD-1N458ATR Datasheet
33Kb / 2P
Maximum Repetitive Reverse Voltage
1N4148 FAIRCHILD-1N4148 Datasheet
146Kb / 7P
Maximum Repetitive Reverse Voltage
logo
Kingtronics Internation...
BAV99 KINGTRONICS-BAV99 Datasheet
414Kb / 2P
Repetitive Peak Reverse Voltage
logo
SemiHow Co.,Ltd.
HTS6A80AS SEMIHOW-HTS6A80AS Datasheet
309Kb / 4P
Repetitive Peak Off-State Voltage
logo
STMicroelectronics
STRVSX STMICROELECTRONICS-STRVSX Datasheet
274Kb / 14P
ST repetitive voltage suppressor
14-Sep-2015
logo
Shanghai Leiditech Elec...
BTA16 LEIDITECH-BTA16 Datasheet
690Kb / 4P
Off-state repetitive peak voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com