Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BU508DF
Description  SILICON DIFFUSED POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BU508DF Datasheet(HTML) 1 Page - Comset Semiconductor

  BU508DF Datasheet HTML 1Page - Comset Semiconductor BU508DF Datasheet HTML 2Page - Comset Semiconductor BU508DF Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BU508DF
15/10/2012
COMSET SEMICONDUCTORS
1 | 3
SEMICONDUCTORS
SILICON DIFFUSED POWER TRANSISTOR
The BU508DF is a NPN epitaxial-base transistor in TO3PFa package with integrated
efficiency diode.
It is intended for high voltage, high-speed.
Primarily for use in horizontal deflection circuits of colour television receivers.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
8
A
ICM
Collector Current Peak
15
A
IB
Base Current
4
A
IBM
Base Current Peak
6
A
PT
Total Dissipation
@ Tmb < 25°
34
W
tJ
Junction Temperature
150
°C
ts
Storage Temperature range
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Conditions
Value
Unit
Typ.
Max
RthJC
Junction To Heatsink
Without Heatsink Compound
-
3.7
K/W
Junction To Heatsink
With Heatsink Compound
-
2.8
Junction Ambient
In Free Air
35
-


Similar Part No. - BU508DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU508DF PHILIPS-BU508DF Datasheet
55Kb / 7P
Silicon Diffused Power Transistor
July 1998 Rev 1.200
logo
Wing Shing Computer Com...
BU508DF WINGS-BU508DF Datasheet
141Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR(GENERAL DESCRIPTION)
logo
Continental Device Indi...
BU508DF CDIL-BU508DF Datasheet
40Kb / 3P
NPN POWER TRANSISTORS
logo
List of Unclassifed Man...
BU508DF ETC2-BU508DF Datasheet
228Kb / 2P
SILICON DIFFUSED POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
BU508DF TEL-BU508DF Datasheet
59Kb / 2P
NPN POWER TRANSISTORS
More results

Similar Description - BU508DF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com