Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508DF Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BU508DF
Description  SILICON DIFFUSED POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BU508DF Datasheet(HTML) 2 Page - Comset Semiconductor

  BU508DF Datasheet HTML 1Page - Comset Semiconductor BU508DF Datasheet HTML 2Page - Comset Semiconductor BU508DF Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BU508DF
15/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO
Collector-Emitter
Breakdown Voltage
IC= 100 mA, IB=0
L= 25mH
700
-
-
V
ICES
Collector Cutoff Current
VBE =0, VCE = 1500 V
-
-
1
mA
VBE =0, VCE = 1500 V
Tj =125°C
-
-
2
IEBO
Emitter Cutoff Current
VEB= 5 V, IC=0
-
-
300
mA
VCE(SAT)
Collector-Emitter
saturation Voltage
IC= 4.5 A, IB= 1.6 A
-
-
1
V
VBE(SAT)
Base-Emitter saturation
Voltage
IC= 4.5 A, IB= 2 A
-
-
1.1
VF
Diode Forwardvoltage
IF= 4.5 A
-
1.6
2
V
hFE
DC Current Gain
IC= 500 mA, VCE = 5 V
10
-
30
-
COB
Output Capacitance
VCB = 10 V, IE=0, f= 1MHz
3
-
-
A
fT
Transition Frequency
VCE= 5 V, IC= 100 mA
-
7
-
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com