Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5621 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # 2SC5621
Description  FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5621 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  2SC5621 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5621
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
DESCRIPTION
2SC5621 is a super mini package resin sealed silicon NPN
epitaxial transistor.
It is designed for high frequency voltage application.
FEATURE
・High gain bandwidth product. fT=4.5GHz
・High gain, low noise.
・Can operate at low voltage.
・Super mini package for easy mounting.
APPLICATION
For TV tuners, High frequency voltage amplifier,
Cellular phone system
OUTLINE DRAWING
Unit:mm
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
VCBO
Collector to Base voltage
20
V
VCEO
Collector to Emitter voltage
12
V
VEBO
Emitter to Base voltage
3
V
IC
Collector current
50
mA
PC
Collector dissipation
100
mW
Tj
Junction temperature
+150
℃
Tstg
Storage temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Parameter
Test conditions
Limits
Unit
Min
Typ
Max
ICBO
Collector cut off current
VCB=10V, IE=0mA
-
-
1.0
μA
IEBO
Emitter cut off current
VEB=1V, IC=0mA
-
-
1.0
μA
hFE
DC forward current gain
VCE=5V , IC=20mA
50
-
250
-
fT
Gain bandwidth product
VCE=5V, IE=20mA
-
4.5
-
GHz
Cob
Collector output capacitance
VCB=5V, IE=0mA , f=1MHz
-
1.0
-
pF
|S21|2
Insertion power gain
VCE=5V, IC=20mA , f=1GHz
7.5
9.0
-
dB
NF
Noise figure
VCE=5V, IC=5mA , f=1GHz
-
1.5
-
dB
MARKING
G W
TYPE NAME
hFE ITEM
0.35
0.8
0.35
1.5
①
②
③
JEITA:SC-75A
TERMINAL CONNECTOR
①:BASE
②:EMITTER
③:COLLECTOR


Similar Part No. - 2SC5621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5621 ETC-2SC5621 Datasheet
133Kb / 5P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC5621 ISAHAYA-2SC5621 Datasheet
132Kb / 5P
SMALL-SIGNAL TRANSISTOR
More results

Similar Description - 2SC5621

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC5621 ETC-2SC5621 Datasheet
133Kb / 5P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Isahaya Electronics Cor...
2SC5636 ISAHAYA-2SC5636 Datasheet
88Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5634 ISAHAYA-2SC5634 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5635 ISAHAYA-2SC5635 Datasheet
95Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5726 ISAHAYA-2SC5726 Datasheet
46Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3053 ISAHAYA-2SC3053 Datasheet
319Kb / 5P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC3053 ISAHAYA-2SC3053_10 Datasheet
247Kb / 6P
FOR HIGH FREQUENCY AMPLIFY, MEDIUM FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5477 ISAHAYA-2SC5477_10 Datasheet
166Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5619 ISAHAYA-2SC5619_13 Datasheet
157Kb / 4P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
2SC5633 ISAHAYA-2SC5633_09 Datasheet
133Kb / 2P
FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com