Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5621 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # 2SC5621
Description  FOR HIGH FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5621 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  2SC5621 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5621 Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5621
FOR HIGH FREQUENCY AMPLIFY APPLICATION
SILICON NPN EPITAXIAL TYPE
ISAHAYA ELECTRONICS CORPORATION
0
1
2
3
4
5
110
100
Collector current IC (mA)
fT - IC
VCE=5V
Ta=25℃
1
10
100
1000
0.1
1
10
100
Collector current IC (mA)
hFE - IC
VCE=5V
Ta=25℃
0.1
1
10
0.1
1
10
100
Collector to Base voltage Vcb (V)
Cob - Vcb
f=1MHz
IE=0
Ta=25℃
0
5
10
15
20
110
100
Collector current IC (mA)
|S21e|2 -IC
VCE=5V
Ta=25℃
f=1GHz
f=500MHz
0
5
10
15
20
0.1
1
10
Frequency f (GHz)
|S21e|2 -f
VCE=5V
IC=20mA
Ta=25℃
0
1
2
3
4
5
110
100
Collector current IC (mA)
NF - IC
VCE=5V
f=1GHz
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com