Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLF252012MT-R68N Datasheet(PDF) 38 Page - TDK Electronics

Part # VLF252012MT-R68N
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF252012MT-R68N Datasheet(HTML) 38 Page - TDK Electronics

Back Button VLF252012MT-R68N Datasheet HTML 34Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 35Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 36Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 37Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 38Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 39Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 40Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 41Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 42Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
(38/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
VLF-M series 
VLF403215MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.031
0.026
3.01
3.34
3.56
VLF403215MT-1R0N
1.5
±30%
1.0
0.036
0.030
2.46
2.73
3.38
VLF403215MT-1R5N
2.2
±20%
1.0
0.043
0.036
2.03
2.25
3.14
VLF403215MT-2R2M
3.3
±20%
1.0
0.062
0.051
1.65
1.83
2.65
VLF403215MT-3R3M
4.7
±20%
1.0
0.087
0.073
1.39
1.54
2.13
VLF403215MT-4R7M
6.8
±20%
1.0
0.13
0.11
1.14
1.27
1.68
VLF403215MT-6R8M
10.0
±20%
1.0
0.18
0.15
1.00
1.09
1.44
VLF403215MT-100M
15.0
±20%
1.0
0.26
0.22
0.78
0.87
1.19
VLF403215MT-150M
22.0
±20%
1.0
0.38
0.32
0.65
0.72
0.95
VLF403215MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com