Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLF252012MT-R68N Datasheet(PDF) 42 Page - TDK Electronics

Part # VLF252012MT-R68N
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF252012MT-R68N Datasheet(HTML) 42 Page - TDK Electronics

Back Button VLF252012MT-R68N Datasheet HTML 38Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 39Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 40Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 41Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 42Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 43Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 44Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 45Page - TDK Electronics VLF252012MT-R68N Datasheet HTML 46Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
(42/53)
INDUC
T
O
RS
001-01 / 20130717 / inductor_commercial_power_vlf_en.fm
• All specifications are subject to change without notice.
VLF-M series 
VLF504010MT Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
tolerance
max.
typ.
Idc1
Idc1
Idc2
0.68
±30%
1.0
0.030
0.025
3.40
3.78
3.71
VLF504010MT-R68N
1.0
±30%
1.0
0.037
0.031
2.66
2.95
3.08
VLF504010MT-1R0N
1.5
±30%
1.0
0.044
0.037
2.30
2.56
2.86
VLF504010MT-1R5N
2.2
±20%
1.0
0.054
0.045
1.92
2.14
2.65
VLF504010MT-2R2M
3.3
±20%
1.0
0.091
0.076
1.58
1.75
2.10
VLF504010MT-3R3M
4.7
±20%
1.0
0.12
0.10
1.32
1.47
1.77
VLF504010MT-4R7M
6.8
±20%
1.0
0.19
0.16
1.09
1.21
1.40
VLF504010MT-6R8M
10.0
±20%
1.0
0.25
0.21
0.90
1.00
1.21
VLF504010MT-100M
15.0
±20%
1.0
0.40
0.33
0.74
0.83
0.98
VLF504010MT-150M
22.0
±20%
1.0
0.60
0.50
0.61
0.68
0.78
VLF504010MT-220M
Measurement item
Product No.
Manufacturer
L
4294A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com