Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAZ8024 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ8024
Description  Silicon planar type For stabilization of power supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8024 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ8024 Datasheet HTML 1Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 2Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 3Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 4Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Zener Diodes
1
Publication date: March 2004
SKE00007CED
MAZ8xxx Series (MA8000 Series)
Silicon planar type
For stabilization of power supply
■ Features
• Extremely low noise voltage caused from the diode (2.4 V to
39V, 1/3 to 1/10 of our conventional MAZ3xxx series)
• Extremely good rising performance (in the low-current range)
• Easy-to-select the optimum diode because of their finely divided
zener-voltage ranks
• Guaranteed reliability, equivalent to that of conventional products
(Mini type package)
• Allowing to reduce the mounting area, thickness and weight
substantially, compared with those of the conventional products
• Allowing both reflow and flow mode of automatic soldering
• Allowing automatic mounting by an existing chip mounter
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Power dissipation *
PD
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
■ Common Electrical Characteristics T
a
= 25°C ± 3°C *1
1: Anode
2: Cathode
EIAJ: SC-76
SMini2-F1 Package
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ8082: 8_2 or 8-2 or 8^2
5˚
1.25±0.1
0.7±0.1
0.16
0.5±0.1
1
2
+0.1
–0.06
0.35±0.1
0 to 0.1
Note) *:PD = 150 mW achieved with a printed circuit board
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.9
1.0
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener rise operating resistance
RZK
IZ
Specified value
Ω
Zener operating resistance
RZ
IZ
Specified value
Ω
Reverse current
IR
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
*3: Tj
= 25°C to 150°C
Refer to the list of the
electrical characteristics
within part numbers
Note) The part number in the parenthesis shows conventional part number.
This product complies with the RoHS Directive (EU 2002/95/EC).


Similar Part No. - MAZ8024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8024 PANASONIC-MAZ8024 Datasheet
69Kb / 5P
Silicon planar type
MAZ8024 PANASONIC-MAZ8024 Datasheet
268Kb / 5P
MAZ8xxx Series (MA8000 Series) Silicon planar type
MAZ8024G0L PANASONIC-MAZ8024G0L Datasheet
687Kb / 8P
MAZ8xxxG Series
More results

Similar Description - MAZ8024

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZK6C RENESAS-HZK6C Datasheet
49Kb / 7P
Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Hitachi Semiconductor
HZK-L HITACHI-HZK-L Datasheet
24Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Stabilized Power Supply
logo
Panasonic Semiconductor
MAZYXXX PANASONIC-MAZYXXX Datasheet
92Kb / 4P
Silicon planar type For stabilization of power supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
1N4728A RENESAS-1N4728A Datasheet
166Kb / 6P
Silicon Planar Zener Diodes for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com