Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAZ8024 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MAZ8024
Description  Silicon planar type For stabilization of power supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8024 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MAZ8024 Datasheet HTML 1Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 2Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 3Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 4Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MAZ8xxx Series
SKE00007CED
MAZ8024
2.28
2.40
2.60
5
120
1.0
100
5

−1.6
5
2.4
MAZ3024
MAZ8027
2.50
2.70
2.90
5
120
1.0
110
5

−2.0
5
2_7or2^7
MAZ3027
MAZ8030
2.80
3.00
3.20
5
50
1.0
120
5

−2.1
5
3_0or3^0
MAZ3030
MAZ8033
3.10
3.30
3.50
5
20
1.0
130
5

−2.4
5
3_3or3^3
MAZ3033
MAZ8036
3.40
3.60
3.80
5
10
1.0
130
5

−2.4
5
3_6or3^6
MAZ3036
MAZ8039
3.70
3.90
4.10
5
10
1.0
130
5

−2.5
5
3_9or3^9
MAZ3039
MAZ8043
4.00
4.30
4.60
5
10
1.0
130
5

−2.5
5
4_3or4
−3or4^3 MAZ3043
MAZ8047
4.40
4.70
5.00
5
2.0
1.0
80
5
800
1.0
−1.4
5
4_7or4
−7or4^7 MAZ3047
MAZ8051
4.80
5.10
5.40
5
1.0
2.0
60
5
500
1.0
−0.8
5
5_1or5
−1or5^1 MAZ3051
MAZ8056
5.30
5.60
6.00
5
0.5
2.5
40
5
200
0.5
1.2
5
5_6or5
−6or5^6 MAZ3056
MAZ8062
5.80
6.20
6.60
5
0.2
4.0
30
5
100
0.5
2.3
5
6_2or6
−2or6^2 MAZ3062
MAZ8068
6.40
6.80
7.20
5
0.1
4.0
20
5
60
0.5
3.0
5
6_8or6
−8or6^8 MAZ3068
MAZ8075
7.00
7.50
7.90
5
0.1
5.0
20
5
60
0.5
4.0
5
7_5or7-5or7^5 MAZ3075
MAZ8082
7.70
8.20
8.70
5
0.1
5.0
20
5
60
0.5
4.6
5
8_2or8
−2or8^2 MAZ3082
MAZ8091
8.50
9.10
9.60
5
0.1
6.0
20
5
60
0.5
5.5
5
9_1or9
−1or9^1 MAZ3091
MAZ8100
9.40 10.00 10.60
5
0.05
7.0
30
5
60
0.5
6.4
5
10_or10
−or10^ MAZ3100
MAZ8110
10.40 11.00 11.60
5
0.05
8.0
30
5
60
0.5
7.4
5
11_or11
−or11^ MAZ3110
MAZ8120
11.40 12.00 12.70
5
0.05
9.0
30
5
80
0.5
8.4
5
12_or12
−or12^ MAZ3120
MAZ8130
12.40 13.00 14.10
5
0.05 10.0
35
5
80
0.5
9.4
5
13_or13
−or13^ MAZ3130
MAZ8140
13.65 14.00 14.35
5
0.05 10.0
40
5
80
0.5
10.0
5
14-
MAZ31400M
MAZ8150
13.90 15.00 15.60
5
0.05 11.0
40
5
80
0.5
11.4
5
15_or15
−or15^ MAZ3150
MAZ8160
15.30 16.00 17.10
5
0.05 12.0
50
5
80
0.5
12.4
5
16_or16
−or16^ MAZ3160
MAZ8180
16.90 18.00 19.10
5
0.05 13.0
60
5
80
0.5
14.4
5
18_or18
−or18^ MAZ3180
MAZ8200
18.80 20.00 21.20
5
0.05 15.0
80
5
100
0.5
16.4
5
20_or20-or20^ MAZ3200
MAZ8220
20.80 22.00 23.30
5
0.05 17.0
80
5
100
0.5
18.4
5
22_or22
−or22^ MAZ3220
MAZ8240
22.80 24.00 25.60
5
0.05 19.0
100
5
120
0.5
20.4
5
24_or24
−or24^ MAZ3240
MAZ8270
25.10 27.00 28.90
2
0.05 21.0
120
2
120
0.5
23.4
2
27_or27
−or27^ MAZ3270
MAZ8300
28.00 30.00 32.00
2
0.05
23.0
160
2
160
0.5
26.6
2
30_or30
−or30^ MAZ3300
MAZ8330
31.00 33.00 35.00
2
0.05
25.0
200
2
200
0.5
29.7
2
33_or33
−or33^ MAZ3330
MAZ8360
34.00 36.00 38.00
2
0.05
27.0
250
2
250
0.5
33.0
2
36_or36
−or36^ MAZ3360
MAZ8390
37.00 39.00 41.00
2
0.05
30.0
300
2
300
0.5
35.6
2
39_or39
−or39^ 
VZ (V)
IR (
µA)
RZ (
Ω)
RZK (
Ω)SZ (mV/°C)
IZ
VR
IZ
IZ
IZ
Min
Nom Max (mA) Max
(V)
Max (mA) Max (mA)
Typ (mA)
■ Electrical Characteristics within Part Numbers T
a = 25°C ± 3°C
Conventional
products
Marking
symbol
Zener voltage
Reverse
current
Part number
Zener
Zener rise
Temperature
operating
operating
coefficient of
resistance
resistance
zener voltage
This product complies with the RoHS Directive (EU 2002/95/EC).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com