Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2104YML Datasheet HTML 1Page - Micrel Semiconductor MIC2104YML Datasheet HTML 2Page - Micrel Semiconductor MIC2104YML Datasheet HTML 3Page - Micrel Semiconductor MIC2104YML Datasheet HTML 4Page - Micrel Semiconductor MIC2104YML Datasheet HTML 5Page - Micrel Semiconductor MIC2104YML Datasheet HTML 6Page - Micrel Semiconductor MIC2104YML Datasheet HTML 7Page - Micrel Semiconductor MIC2104YML Datasheet HTML 8Page - Micrel Semiconductor MIC2104YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
2
M9999-080712-A
Ordering Information
Part Number
Switching
Frequency
Features
Package
Junction
Temperature Range
Lead Finish
MIC2103YML
200kHz to 600kHz
Hyper Light Load
16-pin 3mm x 3mm MLF
–40°C to +125°C
Pb-Free
MIC2104YML
200kHz to 600kHz
Hyper Speed Control
16-pin 3mm x 3mm MLF
–40°C to +125°C
Pb-Free
Pin Configuration
16-Pin 3mm x 3mm MLF (ML)
(TOP VIEW)
Pin Description
Pin Number
Pin Name
Pin Function
1
VDD
Internal +5V linear regulator output. VDD is the internal supply bus for the device. A 1μF ceramic
capacitor from VDD to AGND is required for decoupling. In the applications with VIN<+5.5V, VDD
should be tied to VIN to by-pass the linear regulator.
2
PVDD
5V supply input for the low-side N-channel MOSFET driver, which can be tied to VDD externally.
A 1μF ceramic capacitor from PVDD to PGND is recommended for decoupling.
3
ILIM
Current Limit Setting. Connect a resistor from SW to ILIM to set the over-current threshold for the
converter.
4
DL
Low-Side Drive output. High-current driver output for external low-side MOSFET of a buck
converter. The DL driving voltage swings from ground to VDD. Adding a small resistor between DL
pin and the gate of the low-side N-channel MOSFET can slow down the turn-on and turn-off
speed of the MOSFET.
5
PGND
Power Ground. PGND is the return path for the buck converter power stage. The PGND pin
connects to the sources of low-side N-Channel external MOSFET, the negative terminals of input
capacitors, and the negative terminals of output capacitors. The return path for the power ground
should be as small as possible and separate from the Signal ground (AGND) return path.
6
FREQ
Switching Frequency Adjust input. Tie this pin to VIN to operate at 600kHz and place a resistor
divider to reduce the frequency.
7
DH
High-Side Drive output. High-current driver output for external high-side MOSFET of a buck
converter. The DH driving voltage is floating on the switch node voltage (VSW). Adding a small
resistor between DH pin and the gate of the high-side N-channel MOSFET can slow down the
turn-on and turn-off speed of the MOSFET.
8
SW
Switch Node and Current-Sense input. High current output driver return. The SW pin connects
directly to the switch node. Due to the high-speed switching on this pin, the SW pin should be
routed away from sensitive nodes. The SW pin also senses the current by monitoring the voltage
across the low-side MOSFET during OFF time. In order to sense the current accurately, connect
the low-side MOSFET drain to the SW pin using a Kelvin connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com