Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2104YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2104YML
Description  75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2104YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2104YML Datasheet HTML 1Page - Micrel Semiconductor MIC2104YML Datasheet HTML 2Page - Micrel Semiconductor MIC2104YML Datasheet HTML 3Page - Micrel Semiconductor MIC2104YML Datasheet HTML 4Page - Micrel Semiconductor MIC2104YML Datasheet HTML 5Page - Micrel Semiconductor MIC2104YML Datasheet HTML 6Page - Micrel Semiconductor MIC2104YML Datasheet HTML 7Page - Micrel Semiconductor MIC2104YML Datasheet HTML 8Page - Micrel Semiconductor MIC2104YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Micrel, Inc.
MIC2103/04
August 2012
4
M9999-080712-A
Absolute Maximum Ratings
(1)
VIN ................................................................ –0.3V to +76V
VDD, VPVDD........................................................ –0.3V to +6V
VSW, VFREQ, VILIM, VEN............................ 0.3V to (VIN +0.3V)
VBST to VSW ........................................................ 0.3V to 6V
VBST ................................................................ 0.3V to 82V
VPG .....................................................0.3V to (VDD + 0.3V)
VFB . ....................................................0.3V to (VDD + 0.3V)
PGND to AGND ...........................................
0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS).........................65C to +150C
Lead Temperature (soldering, 10sec)........................ 260°C
ESD Rating
(2)................................................. ESD Sensitive
Operating Ratings
(3)
Supply Voltage (VIN).......................................... 4.5V to 75V
Enable Input (VEN).................................................. 0V to VIN
VSW, VFEQ, VILIM, VEN ............................................... 0V to VIN
Junction Temperature (TJ) ........................ 40C to +125C
Junction Thermal Resistance
3mm x 3mm MLF-16 (
JA) ....................................50.8°C/W
3mm x 3mm MLF-16 (
JC) ....................................25.3°C/W
Electrical Characteristics
(4)
VIN = 48V, VOUT = 5V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate 40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
Power Supply Input
Input Voltage Range (VIN)
(5)
4.5
75
V
Quiescent Supply Current (MIC2103)
VFB = 1.5V
400
750
µA
Quiescent Supply Current (MIC2104)
VFB = 1.5V
2.1
3
mA
Shutdown Supply Current
SW unconnected, VEN = 0V
0.1
10
µA
VDD Supply
VDD Output Voltage
VIN = 7V to 75V, IDD = 10mA
4.8
5.2
5.4
V
VDD UVLO Threshold
VDD rising
3.8
4.2
4.6
V
VDD UVLO Hysteresis
400
mV
Load Regulation
IDD = 0 to 40mA
0.6
2
3.6
%
Reference
TJ = 25°C (±1.0%)
0.792
0.8
0.808
Feedback Reference Voltage
-40°C ≤ TJ ≤ 125°C (±2%)
0.784
0.8
0.816
V
FB Bias Current
VFB = 0.8V
5
500
nA
Enable Control
EN Logic Level High
1.8
V
EN Logic Level Low
0.6
V
EN Hysteresis
200
mV
EN Bias Current
VEN = 48V
23
40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com