Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLD Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 15Page - Omron Electronics LLC WLD Datasheet HTML 16Page - Omron Electronics LLC WLD Datasheet HTML 17Page - Omron Electronics LLC WLD Datasheet HTML 18Page - Omron Electronics LLC WLD Datasheet HTML 19Page - Omron Electronics LLC WLD Datasheet HTML 20Page - Omron Electronics LLC WLD Datasheet HTML 21Page - Omron Electronics LLC WLD Datasheet HTML 22Page - Omron Electronics LLC WLD Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
WL
WL
19
Overtravel Models (2)
-2N Series
-2N Series (90_ operation on one side is possible by simply changing the direction of the cam.)
Dimensions/Operating Characteristics
Note:
1. For all models WLj indicates a standard model and WL01j indicates a microload model.
2. With the -2N Series, 90_ operation on one side is possible by simply changing the direction of the cam.
3. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Roller Lever
WLCA2-2N
WL01CA2-2N
Adjustable Roller Lever
WLCA12-2N
WL01CA12-2N
Note: Stainless sintered roller
Note: Stainless sintered roller
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
M5 × 16
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
17.5 dia. × 7(seenote)
Three, M4 × 13
Four, M3
Two, M5 × 18
Two, 5.2 +0.2
0
dia.
60 max.
42 max.
42 max.
Three, M4 × 13
Two, M5 ×
18
Four, M3
17.5 dia. × 7 (see note)
67 max.
Adjustable range:
25 to 89
Four, 5.2
+0.2
0
dia. holes
Two, 5.2 +0.2
0
dia.
Adjustable Rod Lever
WLCL-2N
WL01CL-2N
Note: Stainless steel rod
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
42 max.
55 max.
Three, M4 × 13
Two, M5 × 18
Four, M3
M8 × 12 Allen-
head
lock screw
3 ±0.2 dia. ×
160 (see note)
Two, 5.2 +0.2
0
dia.
Four, 5.2
+0.2
0
dia. holes
Adjustable range:
25 to 140
Operating characteristics
WLCA2-2N
WL01CA2-2N
WLCA12-2N
WL01CA12-2N
(see note 1)
WLCL-2N
WL01CL-2N
(see note 2)
Operating force: OF max.
9.61 N
9.61 N
2.84 N
Release force: RF min.
1.18 N
1.18 N
0.25 N
Pretravel: PT max.
20°
20°
20°
Overtravel: OT min.
70°
70°
70°
Movement differential: MD max.
10°
10°
10°
Note: 1. The operating characteristics of WLCA12-2N and WL01CA12-2N are measured at the lever length of 38 mm.
2. The operating characteristics of WLCL-2N and WL01CL-2N are measured at the rod length of 140 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com