Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLD Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 16Page - Omron Electronics LLC WLD Datasheet HTML 17Page - Omron Electronics LLC WLD Datasheet HTML 18Page - Omron Electronics LLC WLD Datasheet HTML 19Page - Omron Electronics LLC WLD Datasheet HTML 20Page - Omron Electronics LLC WLD Datasheet HTML 21Page - Omron Electronics LLC WLD Datasheet HTML 22Page - Omron Electronics LLC WLD Datasheet HTML 23Page - Omron Electronics LLC WLD Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
WL
WL
20
OF and RF for WLCA12-2N and WL01CA12-2N, with a lever length of 89 mm.
Operating
characteristics
WLCA12-2N, WL01CA12-2N
OF
4.10 N
RF
0.50 N
Cam direction changing procedure
Loosen the cam holder with
a coin or screwdriver. Take
out the cam from the Switch.
Change the direction of the cam
as required by your intended op-
eration and then reinstall the cam.
Relationship of cam to operation as
observed from the rear of Switch
Operation on both sides
Operation on one side
Operation on one side
Avoid this combination
Operates
Operates Operates
Operates
Does not operate
Does not operate
High-precision Models
The high-precision models feature a pretravel of 5° (as compared with 15° for the standard models) and a repeat accuracy twice as great as
standard models. The high-precision models are ideal for positioning control of machine tools.
Dimensions/Operating Characteristics
For all models WLj indicates a standard model and WL01j indicates a microload model.
Note: Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Operating characteristics
WLGCA2
WL01GCA2
Operating force: OF max.
13.34 N
Release force: RF min.
1.47 N
Pretravel: PT
+2
0
5°
Overtravel: OT min.
40°
Movement differential: MD max. 3°
Roller Lever
WLGCA2
WL01GCA2
Note:
Stainless sintered roller
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
17.5 dia. × 7 (see note)
42 max.
Three, M4 × 13
Four, M3.5
60 max.
Four,
5.2 +0.2
0
dia. holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com