Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2871 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2871
Description  1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2871 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2871 Datasheet HTML 9Page - Micrel Semiconductor MIC2871 Datasheet HTML 10Page - Micrel Semiconductor MIC2871 Datasheet HTML 11Page - Micrel Semiconductor MIC2871 Datasheet HTML 12Page - Micrel Semiconductor MIC2871 Datasheet HTML 13Page - Micrel Semiconductor MIC2871 Datasheet HTML 14Page - Micrel Semiconductor MIC2871 Datasheet HTML 15Page - Micrel Semiconductor MIC2871 Datasheet HTML 16Page - Micrel Semiconductor MIC2871 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Micrel, Inc.
MIC2871
May 29, 2013
13
052913-1.0 (while in progress)
Revision 1.0 (final document)
Figure 3. Data Word Pulse Timing
A pulse is delimited by the signal first going below VL and
then above VH within the latch timeout TLAT. During this
transition, minimum on (TON) and off (TOFF) periods are
observed to improve tolerance to glitches.
Each rising
edge increments the internal data register.
Data is
automatically latched into internal shadow address and
data registers after an inactivity period of >TLAT.
To send register write commands, the address and data
are entered in series as two data words using the above
pattern, with the second word starting after the first latch
period has expired. After the second word is entered, the
IDLE command should be issued by leaving the DC pins
high for ≥ T
END.
After receiving the stop sequence, the internal registers
decode and update cycle is started, with the shadow
register values being transferred to the decoder. Figure 4
shows an example of entering a write of data 5 to
address 3.
Figure 4. Communication Timing Example of Entering Write
for Data 5 to Address 3
Only correctly formatted address/data combination will be
treated as a valid frame and processed by the MIC2871.
Any other input, such as a single data word followed by
TEND, or three successive data words will be discarded by
the target hardware as an erroneous entry. Additionally,
any register write to either an invalid register or with
invalid register data will also be discarded.
MIC2871 Registers
The MIC2871 supports five writeable registers for
controlling the torch and the flash modes of operation as
shown in Table 2. Note that register addressing starts at
1. Writing any value above the maximum value shown for
each registers will cause an invalid data error and the
frame will be discarded.
Table 2. Five Writable Registers of MIC2871
Address
Name
Max.
Value
Description
1
FEN/FCUR
31
Flash Enable/Current
2
TEN/TCUR
31
Torch Enable/Current
3
STDUR
7
Safety Timer Duration
4
LB_TH
9
Low Battery Voltage
Detection Threshold
5
ST_TH
5
Safety Timer Threshold
Flash Current Register (FEN/FCUR: default 0)
The flash current register enables and sets the flash
mode current level. Valid values are 0 to 31; values 0
−
15 will set the flash current without enabling the flash
(such that it can be triggered externally), values 16
− 31
will set the flash current and enable the flash. The flash
current register maps into the internal FEN and FCUR
registers as shown in the table below. Table 3 describes
the
relationship
between
the
flash
current
as
a
percentage of maximum current, and the FCUR register
setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com